Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 35 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 31Page - Texas Instruments LM3532 Datasheet HTML 32Page - Texas Instruments LM3532 Datasheet HTML 33Page - Texas Instruments LM3532 Datasheet HTML 34Page - Texas Instruments LM3532 Datasheet HTML 35Page - Texas Instruments LM3532 Datasheet HTML 36Page - Texas Instruments LM3532 Datasheet HTML 37Page - Texas Instruments LM3532 Datasheet HTML 38Page - Texas Instruments LM3532 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
8.2.2 Detailed Design Procedure
Table 21. Suggested Application Circuit Component List
CURRENT/VOLTAGE
COMPONENT
MANUFACTURER'S PART NUMBER
VALUE
SIZE
RATING (RESISTANCE)
L
COILCRAFT
10 µH
3.9 mm x 3.9 mm x 1.7 mm
1 A (RDC = 0.2 Ω)
LPS4018-103ML
COUT
Murata
1 µF
0805
50 V
GRM21BR71H105KA12L
CIN
Murata
2.2 µF
0603
10 V
GRM188R71A225KE15D
8.2.2.1 Inductor Selection
The LM3532 is designed to work with a 10-µH to 22-µH inductor. When selecting the inductor, ensure that the
saturation rating is high enough to accommodate the applications peak inductor current . The inductance value
must also be large enough so that the peak inductor current is kept below the LM3532's switch current limit. See
Maximum Output Power for more details. Table 22 lists various inductors that can be used with the LM3532. The
inductors with higher saturation currents are more suitable for applications with higher output currents or voltages
(multiple strings). The smaller devices are geared toward single string applications with lower series LED counts.
Table 22. Suggested Inductors
MANUFACTURER
PART NUMBER
VALUE
SIZE
CURRENT RATING
DC RESISTANCE
TDK
VLS252010T-100M
10 µH
2.5 mm × 2 mm × 1 mm
590 mA
0.712
Ω
TDK
VLS2012ET-100M
10 µH
2 mm × 2 mm × 1.2 mm
695 mA
0.47
Ω
TDK
VLF301512MT-100M
10 µH
3.0 mm × 2.5 mm × 1.2mm
690 mA
0.25
Ω
TDK
VLF4010ST-100MR80
10 µH
2.8 mm × 3 mm × 1 mm
800 mA
0.25
Ω
TDK
VLS252012T-100M
10 µH
2.5 mm × 2 mm × 1.2mm
810 mA
0.63
Ω
TDK
VLF3014ST-100MR82
10 µH
2.8 mm × 3 mm × 1.4mm
820 mA
0.25
Ω
TDK
VLF4014ST-100M1R0
10 µH
3.8 mm × 3.6 mm × 1.4 mm
1000 mA
0.22
Ω
Coilcraft
XPL2010-103ML
10 µH
1.9 mm × 2 mm × 1 mm
610 mA
0.56
Ω
Coilcraft
LPS3010-103ML
10 µH
2.95 mm × 2.95 mm × 0.9 mm
550 mA
0.54
Ω
Coilcraft
LPS4012-103ML
10 µH
3.9mm × 3.9mm × 1.1mm
1000 mA
0.35
Ω
Coilcraft
LPS4012-223ML
22 µH
3.9 mm × 3.9 mm × 1.1 mm
780 mA
0.6
Ω
Coilcraft
LPS4018-103ML
10 µH
3.9 mm × 3.9 mm × 1.7 mm
1100 mA
0.2
Ω
Coilcraft
LPS4018-223ML
22 µH
3.9 mm × 3.9 mm × 1.7 mm
700 mA
0.36
Ω
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com