Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 9Page - Texas Instruments LM3532 Datasheet HTML 10Page - Texas Instruments LM3532 Datasheet HTML 11Page - Texas Instruments LM3532 Datasheet HTML 12Page - Texas Instruments LM3532 Datasheet HTML 13Page - Texas Instruments LM3532 Datasheet HTML 14Page - Texas Instruments LM3532 Datasheet HTML 15Page - Texas Instruments LM3532 Datasheet HTML 16Page - Texas Instruments LM3532 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Code x DPWM
x
255
1
I
I
FULLSCALE
LED
LED
x
=
_
0.1
1
10
100
0
BRIGHTNESS CODE (D)
16 32
64 80 96 112 128 144 160 176 192 208 224 240 256
48
1
Code
40
6.4
LED
LED _ FULLSCALE
PWM
I
I
0.85
D
ª
º
§
·
«
»
¨
¸
¨
¸
«
»
©
¹
¬
¼
u
u
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
Device Functional Modes (continued)
7.4.4 LED Current Mapping Modes
All LED current brightness codes are 8 bits (256 different levels), where each bit represents a percentage of the
programmed full-scale current setting for that particular Control Bank. The percentage of the full-scale current is
different depending on which mapping mode is selected. The mapping mode can be either exponential or linear.
Mapping mode is selected via bit [1] of the Control A, B, or C Brightness Configuration Registers.
7.4.5 Exponential Current Mapping Mode
In exponential mapping mode, the backlight code to LED current approximates the following equation:
where
•
Code is the 8-bit code in the programmed brightness register
•
DPWM is the duty cycle of the PWM input that is assigned to the particular control bank
(1)
Figure 12 shows the typical response of percentage of full-scale current setting vs 8-bit brightness code.
Figure 12. Exponential Mapping Response
7.4.6 Linear Current Mapping
In linear mapping mode the backlight code to LED current approximates Equation 2:
where
•
Code is the 8-bit code in the programmed brightness register
•
DPWM is the duty cycle of the PWM input that is assigned to the particular control bank.
(2)
For the linear mapped mode (Figure 13) shows the typical response of percentage of full-scale current setting vs
8-bit brightness code.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com