Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 24Page - Texas Instruments LM3532 Datasheet HTML 25Page - Texas Instruments LM3532 Datasheet HTML 26Page - Texas Instruments LM3532 Datasheet HTML 27Page - Texas Instruments LM3532 Datasheet HTML 28Page - Texas Instruments LM3532 Datasheet HTML 29Page - Texas Instruments LM3532 Datasheet HTML 30Page - Texas Instruments LM3532 Datasheet HTML 31Page - Texas Instruments LM3532 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
LM3532
SNVS653E – JULY 2011 – REVISED AUGUST 2015
www.ti.com
7.6.9 Control C Brightness Configuration
The Control C Brightness Configuration Register has 3 functions:
1. Selects how the LED current sink which is mapped to Control Bank C is controlled (either directly through the
I2C or via the ALS interface)
2. Programs the LED current mapping mode for Control Bank C (Linear or Exponential)
3. Programs which Control C Zone Target Register is the Brightness Register for Bank C in I2C Current Control
Table 11. Control C Brightness Configuration Register Description (Address 0x1a)
Bits [7:5]
Bits [4:2]
Bit 1
Bit 0
Not Used
Control C Brightness Pointer (I2C
LED Current Mapping Mode
Bank C Current Control
Current Control Only)
N/A
000 = Control C Zone Target 0
0 = Exponential Mapping (default)
0 = ALS Current Control
001 = Control C Zone Target 1
1 = Linear Mapping
1 = I2C Current Control (default)
010 = Control C Zone Target 2
011 = Control C Zone Target 3
1XX = Control C Zone Target 4 (default)
7.6.10 Control A, B, and C Full-Scale Current
These registers program the full-scale current setting for the current sink(s) assigned to Control Bank A, B, and
C. Each Control Bank has its own full-scale current setting (Control Bank A, Address 0x17), (Control Bank B,
address 0x19), (Control Bank C, address 0x1B).
28
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com