Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 31 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 27Page - Texas Instruments LM3532 Datasheet HTML 28Page - Texas Instruments LM3532 Datasheet HTML 29Page - Texas Instruments LM3532 Datasheet HTML 30Page - Texas Instruments LM3532 Datasheet HTML 31Page - Texas Instruments LM3532 Datasheet HTML 32Page - Texas Instruments LM3532 Datasheet HTML 33Page - Texas Instruments LM3532 Datasheet HTML 34Page - Texas Instruments LM3532 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
Table 15. ALS Resistor Select Register Description (Address 0x20, Address 0x21)
Bit [7:5]
Bit [4:0]
Not Used
ALS1/ALS2 Resistor Select Bits
00000 = High Impedance (default)
00001 = 37 k
Ω
00010 = 18.5 k
Ω
00011 = 12.33 k
Ω
00100 = 9.25 k
Ω
00101 = 7.4 k
Ω
00110 = 6.17 k
Ω
00111 = 5.29 k
Ω
01000 = 4.63 k
Ω
01001 = 4.11 k
Ω
01010 = 3.7 k
Ω
01011 = 3.36 k
Ω
01100 = 3.08 k
Ω
01101 = 2.85 k
Ω
01110 = 2.64 k
Ω
01111 = 2.44 k
Ω
N/A
10000 = 2.31 k
Ω
10001 = 2.18 k
Ω
10010 = 2.06 k
Ω
10011 = 1.95 k
Ω
10100 = 1.85 k
Ω
10101 = 1.76 k
Ω
10110 = 1.68 k
Ω
10111 = 1.61 k
Ω
11000 = 1.54 k
Ω
11001 = 1.48 k
Ω
11010 = 1.42 k
Ω
11011 = 1.37 k
Ω
11100 = 1.32 k
Ω
11101 = 1.28 k
Ω
11110 = 1.23 k
Ω
11111 = 1.19 k
Ω
7.6.14 ALS Down Delay
The ALS Down-Delay Register adds additional average time delays for ALS changes in the backlight current
during falling ALS input voltages. Code 00000 adds 3 extra average period delays on top of the 3 default delays
(6 total). Code 11111 adds 34 extra average period delays.
Table 16. ALS Down Delay Register Description (Address 0x22)
Bits [7:6]
Bit [5]
Bits [4:0]
Not Used
ALS Fast Start-up Enable
Down Delay
00000 = 6 total average period delay for down-delay
control (default)
:
0 = ALS Fast start-up is Disabled
N/A
:
1 = ALS Fast start-up is Enabled (default)
:
11111 = 34 total average periods of delay for down
delay control
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com