Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 10Page - Texas Instruments LM3532 Datasheet HTML 11Page - Texas Instruments LM3532 Datasheet HTML 12Page - Texas Instruments LM3532 Datasheet HTML 13Page - Texas Instruments LM3532 Datasheet HTML 14Page - Texas Instruments LM3532 Datasheet HTML 15Page - Texas Instruments LM3532 Datasheet HTML 16Page - Texas Instruments LM3532 Datasheet HTML 17Page - Texas Instruments LM3532 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
BRIGHTNESS CODE (D)
16 32
64 80 96 112 128 144 160 176 192 208 224 240 256
48
LM3532
SNVS653E – JULY 2011 – REVISED AUGUST 2015
www.ti.com
Device Functional Modes (continued)
Figure 13. Linear Mapping Response
7.4.7 LED Current Control
Once the full-scale current is set, control of the LM3532 device’s LED current can be done via 2 methods:
1. I2C Current Control
2. Ambient Light Sensor Current Control
I2C current control allows for the direct control of the LED current by writing directly to the specific brightness
register. In ambient light sensor current control the LED current is automatically set by the ambient light sensor
interface.
7.4.7.1 I2C Current Control
I2C current control is accomplished by using one of the Zone Target Registers (for the respective Control Bank)
as the brightness register. This is done via bits[4:2] of the Control (A, B, or C) Brightness Registers (see Table 9,
Table 10, and Table 11). For example, programming bits[4:2] of the Control A Brightness Register with (000)
makes the brightness register for Bank A (in I2C Current Control) the Control A Zone Target 0 Register.
7.4.7.2 I2C Current Control With PWM
I2C current control can also incorporate the PWM duty cycle at one of the PWM inputs (PWM1 or PWM2). In this
situation the LED current is then a function of both the code in the programmed brightness register and the duty
cycle input into the assigned PWM inputs (PWM1 or PWM2).
7.4.8 Assigning and Enabling a PWM Input
To make the backlight current a function of the PWM input duty cycle, one of the PWM inputs must first be
assigned to a particular Control Bank. This is done via bit [0] of the Control A, B, or C PWM Registers (see
Table 6, Table 7, or Table 8). After assigning a PWM input to a Control Bank, the PWM input is then enabled via
bits [6:2] of the Control A/B/C PWM Enable Registers. Each enable bit is associated with a specific Zone Target
Register in I2C Current Control. For example, if Control A Zone Target 0 Register is configured as the brightness
register, then to enable PWM for that brightness register, Control A PWM bit [2] would be set to 1.
7.4.9 Enabling a Current Sink
Once the brightness register and PWM inputs are configured in I2C Current Control, the current sinks assigned to
the specific control bank are enabled via the Control Enable Register (see Table 14). Table 1 below shows the
possible configurations for Control Bank A in I2C Current Control. Table 1 would also apply to Control Bank B
and Control Bank C.
14
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com