Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 18Page - Texas Instruments LM3532 Datasheet HTML 19Page - Texas Instruments LM3532 Datasheet HTML 20Page - Texas Instruments LM3532 Datasheet HTML 21Page - Texas Instruments LM3532 Datasheet HTML 22Page - Texas Instruments LM3532 Datasheet HTML 23Page - Texas Instruments LM3532 Datasheet HTML 24Page - Texas Instruments LM3532 Datasheet HTML 25Page - Texas Instruments LM3532 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
VALS_
Current Average
Zone
*Note:it takes a
full average
period to
generate an
averager
output value
ILED
Zone 3 Brightness Target
Averager Ouput
Enable ALS
1
2V
2
3
4
5
6
7
3
2
2
2
2
8
9
10
11
12
2
2
4
4
4
2
2
0
3
2
2
2
2
2
2
4
4
4
2
2
3
0
ALS Fast
Start-Up
13
14
15
16
17
18
19
20
Zone 4
Zone 3
Zone 2
Zone 1
Zone 0
2
2
2
2
2
21
22
23
24
25
2
2
2
2
2
2
2
2
Zone 4 Brightness Target
2
2
2
2
2
2
2
2
2
2
2
2
2
26
Average
Period #
2
Zone 2 Brightness Target
LM3532
SNVS653E – JULY 2011 – REVISED AUGUST 2015
www.ti.com
3. The second average period the ALS averages to Zone 2. The Averager Output remains at Zone 3.
4. The 3rd through 7th average period the ALS input averages to Zone 2, and the Averager Output stays at
Zone 2.
5. The 8th average period the ALS input averages to Zone 4. The Averager Output remains at Zone 2.
6. The 9th and 10th average periods the ALS input averages to Zone 4. The Averager Output is at Zone 4.
Because the Averager Output increased from Zone 2 to Zone 4 and the required Down Delay time was not
met (8 average periods), the backlight current was never changed to the Zone 2's target current.
7. The 11th average period the ALS input averages to Zone 2. The Averager Output remains at Zone 4.
Because this is the 3rd consecutive average period where the Averager Output has shown a change since
the change from Zone 2, the backlight current transitions to Zone 4's target current.
8. The 12th through 26th average periods the ALS input averages to Zone 2. The Averager Output remains at
Zone 2. At the start of average period 20 the Down Delay algorithm has shown the required 8 average period
delay from the initial change from Zone 4 to Zone 2. As a result the backlight current is programmed to Zone
2's target current.
Figure 20. ALS Down-Delay Control
22
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com