Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 44 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 40Page - Texas Instruments LM3532 Datasheet HTML 41Page - Texas Instruments LM3532 Datasheet HTML 42Page - Texas Instruments LM3532 Datasheet HTML 43Page - Texas Instruments LM3532 Datasheet HTML 44Page - Texas Instruments LM3532 Datasheet HTML 45Page - Texas Instruments LM3532 Datasheet HTML 46Page - Texas Instruments LM3532 Datasheet HTML 47Page - Texas Instruments LM3532 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
LM3532
SNVS653E – JULY 2011 – REVISED AUGUST 2015
www.ti.com
Layout Guidelines (continued)
10.1.4 Input Capacitor Selection and Placement
The input bypass capacitor filters the inductor current ripple, and the internal MOSFET driver currents during turn
on of the power switch.
The driver current requirement can be a few hundred milliamps with 5 ns rise and fall times. This appears as
high dI/dt current pulses coming from the input capacitor each time the switch turns on. Close placement of the
input capacitor to the IN pin and to the GND pin is critical because any series inductance between IN and CIN+ or
CIN− and GND can create voltage spikes that could appear on the VIN supply line and in the GND plane.
Close placement of the input bypass capacitor at the input side of the inductor is also critical. The source
impedance (inductance and resistance) from the input supply, along with the input capacitor of the LM3532, form
a series RLC circuit. If the output resistance from the source (RS) is low enough the circuit is underdamped and
has a resonant frequency (typically the case). Depending on the size of LS the resonant frequency could occur
below, close to, or above the LM3532's switching frequency. This can cause the supply current ripple to be:
•
Approximately equal to the inductor current ripple when the resonant frequency occurs well above the
LM3532's switching frequency;
•
Greater then the inductor current ripple when the resonant frequency occurs near the switching frequency; or
•
Less then the inductor current ripple when the resonant frequency occurs well below the switching frequency.
Figure 45 shows this series RLC circuit formed from the output impedance of the supply and the input capacitor.
The circuit is re-drawn for the AC case where the VIN supply is replaced with a short to GND and the LM3532 +
Inductor is replaced with a current source (
ΔIL).
Equation 1 is the criteria for an underdamped response. Equation 2 is the resonant frequency. Equation 3 is the
approximated supply current ripple as a function of LS, RS, and CIN.
As an example, consider a 3.6-V supply with 0.1
Ω of series resistance connected to CIN through 50 nH of
connecting traces. This results in an underdamped input filter circuit with a resonant frequency of 712 kHz.
Because the switching frequency lies near to the resonant frequency of the input RLC network, the supply
current is probably larger then the inductor current ripple. In this case, using equation 3 from Figure 45, the
supply current ripple can be approximated as 1.68 times the inductor current ripple. Increasing the series
inductance (LS) to 500 nH causes the resonant frequency to move to around 225 kHz and the supply current
ripple to be approximately 0.25 times the inductor current ripple.
44
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com