Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 8Page - Texas Instruments LM3532 Datasheet HTML 9Page - Texas Instruments LM3532 Datasheet HTML 10Page - Texas Instruments LM3532 Datasheet HTML 11Page - Texas Instruments LM3532 Datasheet HTML 12Page - Texas Instruments LM3532 Datasheet HTML 13Page - Texas Instruments LM3532 Datasheet HTML 14Page - Texas Instruments LM3532 Datasheet HTML 15Page - Texas Instruments LM3532 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
LM3532
SNVS653E – JULY 2011 – REVISED AUGUST 2015
www.ti.com
Feature Description (continued)
7.3.7 Interrupt Output
INT is an open drain output that pulls low when the ALS is enabled and when one of the ALS inputs transitions
into a new zone. At the same time, the ALS Zone Information register is updated with the current ALS zone, and
the software flag (bit 3 of the ALS Zone Information register) is written high. A readback of the Zone Information
Register clears the software interrupt flag and reset the INT output to the open drain state. The active pulldown
at INT is typically 125
Ω.
7.3.8 Protection Features
7.3.8.1 Overvoltage Protection
The LM3532 devices’s boost converter provides open-load protection, by monitoring the OVP pin. The OVP pin
is designed to connect as close as possible to the positive terminal of the output capacitor. In the event of a
disconnected load (LED current string with feedback enabled), the output voltage rises in order to try and
maintain the correct headroom across the feedback enabled current sinks (see Table 13). Once VOUT climbs to
the OVP threshold (VOVP) the boost converter is turned off, and switching stops until VOUT falls below the OVP
hysteresis (VOVP – 1 V). Once the OVP hysteresis is crossed the LM3532 device’s boost converter begins
switching again. In open load conditions this would result in a pulsed on/off operation.
7.3.8.2 Current Limit
The LM3532 device’s peak current limit in the NFET is set at typically 1 A (880 mA, minimum). During the
positive portion of the switching cycle, if the NFET's current rises up to the current limit threshold, the NFET turns
off for the rest of the switching cycle. At the start of the next switching cycle the NFET turns on again. For loads
that cause the LM3532 to hit current limit each switching cycle, the output power can become clamped because
the headroom across the feedback enabled current sinks is no longer being regulated when the device is in
current limit. See Maximum Output Power below for guidelines on how peak current affects the LM3532 device's
maximum output power.
7.4 Device Functional Modes
7.4.1 LED Current Ramping
The LM3532 provides 4 methods to control the rate of rise or fall of the LED current during these events:
1. Start-up from 0 to the initial target
2. Shutdown
3. Ramp up from one brightness level to the next
4. Ramp down from one brightness level to the next
See Table 4 and Table 5.
7.4.2 Start-up and Shutdown Current Ramping
The start-up and shutdown ramp rates are independently programmable in the Start-up/Shutdown Ramp Rate
register (see Table 4). There are 8 different start-up and 8 different shutdown ramp rates. The start-up ramp
rates are independently programmable from the shutdown ramp rates, but not independently programmable for
each Control Bank. For example, programming a start-up or shutdown ramp rate, programs the same ramp rate
for each Control Bank.
7.4.3 Run-Time Ramp Rates
Current ramping from one brightness level to the next is programmed via the Run-Time Ramp Rate Register (see
Table 5). There are 8 different ramp-up and 8 different ramp-down rates. The ramp-up rate is independently
programmable from the ramp-down rate, but not independently programmable for each Control Bank. For
example, programming a ramp-up or a ramp-down rate programs the same rate for each Control Bank.
12
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com