Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 36 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 32Page - Texas Instruments LM3532 Datasheet HTML 33Page - Texas Instruments LM3532 Datasheet HTML 34Page - Texas Instruments LM3532 Datasheet HTML 35Page - Texas Instruments LM3532 Datasheet HTML 36Page - Texas Instruments LM3532 Datasheet HTML 37Page - Texas Instruments LM3532 Datasheet HTML 38Page - Texas Instruments LM3532 Datasheet HTML 39Page - Texas Instruments LM3532 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
IOUT x VOUT
VIN x efficiency
+
IPEAK =
VIN
x
2 x fsw x L
1 -
VOUT
VIN x efficiency
LM3532
SNVS653E – JULY 2011 – REVISED AUGUST 2015
www.ti.com
8.2.2.2 Capacitor Selection
The LM3532’s output capacitor has two functions: filtering of the boost converter's switching ripple, and to ensure
feedback loop stability. As a filter, the output capacitor supplies the LED current during the boost converter's on
time and absorbs the inductor's energy during the switch's off time. This causes a sag in the output voltage
during the on time and a rise in the output voltage during the off time. Because of this, the output capacitor must
be sized large enough to filter the inductor current ripple that could cause the output voltage ripple to become
excessive. As a feedback loop component, the output capacitor must be at least 1µF and have low ESR;
otherwise, the LM3532's boost converter can become unstable. This requires the use of ceramic output
capacitors. Table 23 lists part numbers and voltage ratings for different output capacitors that can be used with
the LM3532.
Table 23. Input/Output Capacitors
MANUFACTURER
PART NUMBER
VALUE
SIZE
RATING
DESCRIPTION
Murata
GRM21BR71H105KA12
1 µF
0805
50 V
COUT
Murata
GRM188B31A225KE33
2.2 µF
0805
10 V
CIN
TDK
C1608X5R0J225
2.2 µF
0603
6.3 V
CIN
8.2.2.3 Diode Selection
The diode connected between the SW and OUT pins must be a Schottky diode and have a reverse breakdown
voltage high enough to handle the maximum output voltage in the application. Table 24 lists various diodes that
can be used with the LM3532.
Table 24. Diodes
MANUFACTURER
PART NUMBER
VALUE
SIZE
RATING
Diodes Inc.
B0540WS
Schottky
SOD-323
40/500 V/mA
Diodes Inc.
SDM20U40
Schottky
SOD-523 (1.2 mm × 0.8 mm ×
40/200 V/mA
0.6 mm)
On Semiconductor
NSR0340V2T1G
Schottky
SOD-523 (1.2 mm × 0.8 mm ×
40/250 V/mA
0.6 mm)
On Semiconductor
NSR0240V2T1G
Schottky
SOD-523 (1.2 mm × 0.8 mm ×
40/250 V/mA
0.6 mm)
8.2.2.4 Maximum Output Power
The LM3532 device's maximum output power is governed by two factors: the peak current limit (ICL = 880 mA
minimum), and the maximum output voltage (VOVP = 40 V minimum). When the application causes either of these
limits to be reached it is possible that the proper current regulation and matching between LED current strings
may not be met.
8.2.2.4.1
Peak Current Limited
In the case of a peak current limited situation, when the peak of the inductor current hits the LM3532's current
limit the NFET switch turns off for the remainder of the switching period. If this happens, each switching cycle the
LM3532 begins to regulate the peak of the inductor current instead of the headroom across the current sinks.
This can result in the dropout of the feedback-enabled current sinks and the current dropping below its
programmed level.
The peak current in a boost converter is dependent on the value of the inductor, total LED current (IOUT), the
output voltage (VOUT) (which is the highest voltage LED string + 0.4 V regulated headroom voltage), the input
voltage VIN, and the efficiency (output power/input power). Additionally, the peak current is different depending on
whether the inductor current is continuous during the entire switching period (CCM) or discontinuous (DCM)
where it goes to 0 before the switching period ends.
For CCM the peak inductor current is given by:
(5)
36
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com