Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 6Page - Texas Instruments LM3532 Datasheet HTML 7Page - Texas Instruments LM3532 Datasheet HTML 8Page - Texas Instruments LM3532 Datasheet HTML 9Page - Texas Instruments LM3532 Datasheet HTML 10Page - Texas Instruments LM3532 Datasheet HTML 11Page - Texas Instruments LM3532 Datasheet HTML 12Page - Texas Instruments LM3532 Datasheet HTML 13Page - Texas Instruments LM3532 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
SW
ILED1
ILED2
ILED3
GND
OVP
Feedback
Enable
VHR Min
400 mV
Boost
Controller
COUT
250 m:
Error Amplifier
VIN
CIN
IN
LM3532
SNVS653E – JULY 2011 – REVISED AUGUST 2015
www.ti.com
Feature Description (continued)
7.3.2 Hardware Enable Input
HWEN is the LM3532 device's global hardware enable input. This pin must be driven high to enable the device.
HWEN is a high-impedance input so cannot be left floating. Typically HWEN would be connected through a
pullup resistor to the logic supply voltage or driven high from a microcontroller. Driving HWEN low places the
LM3532 into a low-current shutdown state and force all the internal registers to their power-on reset (POR)
states.
7.3.3 Feedback Enable
Each current sink can be set for feedback enable or feedback disable. When feedback is enabled, the boost
converter maintains at least 400 mV across each active current sink. This causes the boost output voltage (VOUT)
to raise up or down depending on how many LEDs are placed in series in the highest voltage string. This
ensures there is a minimum headroom voltage across each current sink. The potential drawback is that for large
differentials in LED counts between strings, the LED voltage can be drastically different causing the excess
voltage in the lower LED string to be dropped across its current sink. In situations where there are other voltage
sources available, or where the LED count is low enough to use VIN as the power source, the feedback can be
disabled on the specific current sink. This allows for the current sink to be active, but eliminates its control over
the boost output voltage (see Figure 10). In this situation care must be taken to ensure there is always at least
400 mV of headroom voltage across each active current sink to avoid the current from going out of regulation.
Control over the feedback enable/disable is programmable via the Feedback Enable Register (see Table 13).
Figure 10. LM3532 Feedback Enable/Disable
7.3.4 LM3532 Current Sink Configuration
Control of the LM3532 device’s three current sinks is done by configuring the three internal control banks
(Control A, Control B, and Control C) (see Figure 11). Any of the current sinks (ILED1, ILED2, or ILED3) can be
mapped to any of the three control banks. Configuration of the control banks is done via the Output Configuration
register.
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com