Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 5 Page - Texas Instruments

  LM3532 Datasheet HTML 1Page - Texas Instruments LM3532 Datasheet HTML 2Page - Texas Instruments LM3532 Datasheet HTML 3Page - Texas Instruments LM3532 Datasheet HTML 4Page - Texas Instruments LM3532 Datasheet HTML 5Page - Texas Instruments LM3532 Datasheet HTML 6Page - Texas Instruments LM3532 Datasheet HTML 7Page - Texas Instruments LM3532 Datasheet HTML 8Page - Texas Instruments LM3532 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
6.5 Electrical Characteristics
Minimum and maximum limits apply over the full operating ambient temperature range (
−40°C ≤ TA ≤ +85°C), typical limits are
for TA = 25°C, and VIN = 3.6 V, unless otherwise specified.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2.7 V
≤ VIN ≤ 5.5 V, ControlX full-scale
current register = 0xF3, brightness code =
20.2
mA
0xFF
Output current regulation accuracy
ILED(1/2/3)
(ILED1, ILED2 or ILED3)
2.7 V
≤ VIN ≤ 5.5 V, ControlX full-scale
18.68
21.8
mA
current register = 0xF3, brightness code =
0xFF
2.7 V
≤ VIN ≤ 5.5 V, IFULL_SCALE = 20.2 mA
0.3%
Brightness code = 0xFF
IMATCH
(3) (4)
ILED2 to ILED3 current matching
2.7 V
≤ VIN ≤ 5.5 V, IFULL_SCALE = 20.2 mA
–2%
2%
Brightness code = 0xFF
Regulated current sink headroom
VREG_CS
400
mV
voltage
ILED = 95% of nominal and 20.2 mA
200
mV
Current sink minimum headroom
VHR
voltage
ILED = 95% of nominal and 20.2 mA
240
RDSON
NMOS switch on resistance
ISW = 100 mA
0.25
Ω
2.7 V
≤ VIN ≤ 5.5 V
1000
mA
ICL
NMOS switch current limit
2.7 V
≤ VIN ≤ 5.5 V
880
1000
1120
mA
ON threshold, 2.7 V
≤ VIN ≤ 5.5 V
41
VOVP
Output overvoltage protection
ON threshold, 2.7 V
≤ VIN ≤ 5.5 V
40
42
V
Hysteresis
1
DMAX
Maximum duty cycle
94%
DMIN
Minimum duty cycle
10%
Quiescent current into IN, device
ILED1 = ILED2 = ILED3 = 20.2 mA,
IQ
490
µA
not switching
feedback disabled
ILED1 = ILED2 = ILED3 = 20.2 mA, VOUT = 32
IQ_SW
Switching supply current
1.35
mA
V
2.7 V
≤ VIN ≤ 5.5 V, HWEN = GND
1
ISHDN
Shutdown current
µA
2.7 V
≤ VIN ≤ 5.5 V, HWEN = GND
2
−40°C ≤ TA ≤ +85°C
Full-scale current =20.2 mA
Minimum LED Current in ILED1,
ILED_MIN
Brightness code = 0x01, Mapping =
9.5
µA
ILED2 or ILED3
Exponential
Thermal Shutdown
140
TSD
°C
Hysteresis
15
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum and Maximum limits are verified by design, test, or statistical analysis. Typical numbers are not verified, but do represent the
most likely norm.
(3)
All current sinks for the matching spec are assigned to the same control bank.
(4)
LED current sink matching between ILED2 and ILED3 is given by taking the difference between either (ILED2 or ILED3) and the
average current between the two, and dividing by the average current between the two (ILED2/3 – ILED(AVE))/ILED(AVE). This
simplifies to (ILED2 – ILED3)/(ILED2 + ILED3). In this test, both ILED2 and ILED3 are assigned to Bank A.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com