Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 1 Page - Texas Instruments

  LM3532 Datasheet HTML 1Page - Texas Instruments LM3532 Datasheet HTML 2Page - Texas Instruments LM3532 Datasheet HTML 3Page - Texas Instruments LM3532 Datasheet HTML 4Page - Texas Instruments LM3532 Datasheet HTML 5Page - Texas Instruments LM3532 Datasheet HTML 6Page - Texas Instruments LM3532 Datasheet HTML 7Page - Texas Instruments LM3532 Datasheet HTML 8Page - Texas Instruments LM3532 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
VOUT up to 40V
VIN
IN
SW
OVP
ILED1
ILED2
ILED3
PGND
ALS2
ALS1
INT
Ambient Light
Sensor 1
Ambient Light
Sensor 2
VALS
VIN
HWEN
SDA
SCL
LM3532
COUT
CIN
L
D1
PWM1
PWM2
T0
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3532
SNVS653E – JULY 2011 – REVISED AUGUST 2015
LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing
Capability and I2C-Compatible Interface
1 Features
3 Description
The
LM3532
is
a
500-kHz
fixed
frequency
1
•
Drives up to 3 Parallel High-Voltage LED Strings
asynchronous boost converter which provides the
at 40 V Each With up to 90% Efficiency
power for 3 high-voltage, low-side current sinks. The
•
0.4% Typical Current Matching Between Strings
device is programmable over an I2C-compatible
•
256 Level Logarithmic and Linear Brightness
interface and has independent current control for all
three channels. The adaptive current regulation
Control With 14-Bit Equivalent Dimming
method allows for different LED currents in each
•
I2C-Compatible Interface
current sink thus allowing for a wide variety of
•
Direct Read Back of Ambient Light Sensor Via
backlight and keypad applications.
8-bit ADC
The main features of the LM3532 include dual
•
Programmable Dual Ambient Light Sensor Inputs
ambient light sensor inputs each with 32 internal
With Internal Sensor Gain Selection
voltage setting resistors, 8-bit logarithmic and linear
•
Dual External PWM Inputs for LED Brightness
brightness control, dual external PWM brightness
control inputs, and up to 1000:1 dimming ratio with
Adjustment
programmable fade in and fade out settings.
•
Independent Current String Brightness Control
The LM3532 is available in a 16-pin, 0.4-mm pitch
•
Programmable LED Current Ramp Rates
thin DSBGA package. The device operates over a
•
40-V Overvoltage Protection
2.7-V to 5.5-V input voltage range and the
−40°C to
•
1-A Typical Current Limit
+85°C temperature range.
2 Applications
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
•
Power Source for White LED Backlit LCD Displays
LM3532
DSBGA (16)
1.87 mm x 1.77 mm
•
Programmable Keypad Backlight
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3532

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3532 TI1-LM3532 Datasheet
1Mb / 45P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM3532TME-40A/NOPB TI1-LM3532TME-40A/NOPB Datasheet
1Mb / 47P
LM3532 High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM3532TME-40ANOPB TI1-LM3532TME-40ANOPB Datasheet
1Mb / 45P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM3532TMX-40A/NOPB TI1-LM3532TMX-40A/NOPB Datasheet
1Mb / 47P
LM3532 High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM3532TMX-40ANOPB TI1-LM3532TMX-40ANOPB Datasheet
1Mb / 45P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
More results

Similar Description - LM3532

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
High power white LED driver with I2C??interface
12-Sep-2007
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
logo
ON Semiconductor
NCP5021 ONSEMI-NCP5021 Datasheet
357Kb / 17P
High Voltage White LED Driver with Ambient Light Sensing
May, 2009 ??Rev. 0
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
logo
National Semiconductor ...
LM3530 NSC-LM3530 Datasheet
331Kb / 4P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C Compatible Interface
logo
Texas Instruments
LM3532 TI1-LM3532 Datasheet
1Mb / 45P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM3532 TI1-LM3532_13 Datasheet
1Mb / 47P
LM3532 High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
LM27966 White LED Driver with I2C Compatible Interface
logo
Vishay Siliconix
VEML6030 VISHAY-VEML6030_V01 Datasheet
232Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
VEML6031X00 VISHAY-VEML6031X00_V02 Datasheet
244Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
15-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com