Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 28Page - Texas Instruments LM3532 Datasheet HTML 29Page - Texas Instruments LM3532 Datasheet HTML 30Page - Texas Instruments LM3532 Datasheet HTML 31Page - Texas Instruments LM3532 Datasheet HTML 32Page - Texas Instruments LM3532 Datasheet HTML 33Page - Texas Instruments LM3532 Datasheet HTML 34Page - Texas Instruments LM3532 Datasheet HTML 35Page - Texas Instruments LM3532 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
LM3532
SNVS653E – JULY 2011 – REVISED AUGUST 2015
www.ti.com
7.6.15 ALS Configuration
The ALS Configuration register controls the ALS average times, the ALS enable bit, and the ALS input select.
Table 17. ALSConfiguration Register Description (Address 0x23)
Bits [7:6]
Bit [5:4]
Bit 3
Bits [2:0]
ALS Input Select
ALS Control
ALS Enable
ALS Average Time
00 = Average of ALS1 and
00 = Direct ALS Control. ALS inputs
0 = ALS is disabled (default)
000 = 17.92 ms
ALS2 is used to determine
respond to up and down transitions
1 = ALS is enabled
001 = 35.84 ms
backlight current
(default)
010 = 71.68 ms
01 = Only the ALS1 input is
01 = This setting is for a future
011 = 143.36 ms
used to determine backlight
mode.
100 = 286.72 ms (default)
current (default)
1X = Down Delay Control. Extra
101 = 573.44 ms
10 = Only the ALS2 input is
delays of 3 x tAVE to 34 x tAVE are
110 = 1146.88 ms
used to determine the
added for down transitions, before
111 = 2293.76 ms
backlight current
the new backlight target is
11 = The maximum of ALS1
programmed. (see Down Delay
and ALS2 is used to
section).
determine the backlight
current
7.6.16 ALS Zone Readback / Information
The ALS Zone Readback and ALS Zone Information Readback registers each contain information on the current
ambient light brightness zone. The ALS Zone Readback register contains the ALS Zone after the averager and
discriminator block and reflects both up and down changes in the ambient light brightness zone. The ALS Zone
Information register reflects the contents of either the ALS Zone Readback register (with up and down transition).
This register also includes a Zone Change bit (bit 3) which is written with a 1 each time the ALS zone changes.
This bit is cleared upon read back of the ALS Zone Information register.
Table 18. ALS Zone Information Register Description (Address 0x24)
Bits [7:4]
Bit 3
Bits [2:0]
Not Used
Zone Change Bit
Brightness Zone
N/A
0 = No change in ALS Zone (default)
000 = Zone 0 (default)
1 = There was a change in the ALS Zone
001 = Zone 1
since the last read of this register. This bit is
010 = Zone 2
cleared on read back.
011 = Zone 3
1XX = Zone 4
Table 19. ALS Zone Readback Register Description (Address 0x25)
Bits [7:3]
Bits [2:0]
Not Used
Brightness Zone
N/A
000 = Zone 0 (default)
001 = Zone 1
010 = Zone 2
011 = Zone 3
1XX = Zone 4
32
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com