Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 17Page - Texas Instruments LM3532 Datasheet HTML 18Page - Texas Instruments LM3532 Datasheet HTML 19Page - Texas Instruments LM3532 Datasheet HTML 20Page - Texas Instruments LM3532 Datasheet HTML 21Page - Texas Instruments LM3532 Datasheet HTML 22Page - Texas Instruments LM3532 Datasheet HTML 23Page - Texas Instruments LM3532 Datasheet HTML 24Page - Texas Instruments LM3532 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
VALS_
Enable ALS
1
2V
2
3
4
5
6
7
Zone 4
Zone 3
Zone 2
Zone 1
Zone 0
Current Average Zone
4
*Note:it takes a full
average period to
generate an averager
output value
3
3
2
1
8
9
10
11
12
2
3
3
3
4
4
4
ILED
4
Zone 4 Brightness Target
Averager Ouput
4
3
3
2
1
2
3
3
3
4
4
4
4
0
ALS Fast Start-Up
13
Average
Period #
LED Current Run Time
Ramp Down
Zone 3 Brightness Target
Zone 2 Brightness Target
Zone 1 Brightness Target
Zone 4 Brightness Target
LED Current Run
Time Ramp Up
4
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
13. The 12th average period the ALS voltage averages to Zone 4. The Averager Output remains at Zone 4.
14. The 13th average period the ALS voltage averages to Zone 4. The Averager Output remains at Zone 4.
Because this is the 3rd average period that the Averager Output has shown a change in the increasing
direction from the initial Zone 3, the backlight current is forced to change to the current Averager Output
(Zone 4's) target current.
Figure 19. Direct ALS Control
7.4.11 Down Delay
The down-delay algorithm uses all the same rules from the ALS Rules section, except it provides for adding
additional average period delays required for decreasing transitions of the Averager Output, before the LED
current is programmed to a lower zone target current. The additional average period delays are programmed via
the ALS Down-Delay register. The register provides 32 settings for increasing the down delay from 3 extra (code
00000) up to 34 extra (code 11111). For example, if the down-delay algorithm is enabled, and the ALS Down-
Delay register were programmed with 0x00 (3 extra delays), then the Averager Output would need to see 6
consecutive changes in decreasing Zones (or 6 consecutive average periods that changed and remained lower),
before the backlight current was programmed to the lower zones target current. Referring to Figure 20, assume
that Down Delay is enabled and the ALS Down-Delay register is programmed with 0x02 (5 extra delays, 8
average period total delay for downward changes in the backlight target current):
1. When the ALS is enabled the ALS fast start-up (1.1 ms average period) quickly brings the Averager Output
to the correct zone. This takes 3 fast average periods or approximately 3.3 ms.
2. The first average period the ALS averages to Zone 3.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com