Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 2 Page - Texas Instruments

  LM3532 Datasheet HTML 1Page - Texas Instruments LM3532 Datasheet HTML 2Page - Texas Instruments LM3532 Datasheet HTML 3Page - Texas Instruments LM3532 Datasheet HTML 4Page - Texas Instruments LM3532 Datasheet HTML 5Page - Texas Instruments LM3532 Datasheet HTML 6Page - Texas Instruments LM3532 Datasheet HTML 7Page - Texas Instruments LM3532 Datasheet HTML 8Page - Texas Instruments LM3532 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
LM3532
SNVS653E – JULY 2011 – REVISED AUGUST 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 12
1
Features .................................................................. 1
7.5
Programming........................................................... 23
2
Applications ........................................................... 1
7.6
Register Maps ......................................................... 24
3
Description ............................................................. 1
8
Application and Implementation ........................ 34
4
Revision History..................................................... 2
8.1
Application Information............................................ 34
5
Pin Configuration and Functions ......................... 3
8.2
Typical Application ................................................. 34
6
Specifications......................................................... 4
9
Power Supply Recommendations ...................... 41
6.1
Absolute Maximum Ratings ...................................... 4
10
Layout................................................................... 42
6.2
ESD Ratings.............................................................. 4
10.1
Layout Guidelines ................................................. 42
6.3
Recommended Operating Conditions ....................... 4
10.2
Layout Examples................................................... 45
6.4
Thermal Information .................................................. 4
11
Device and Documentation Support ................. 47
6.5
Electrical Characteristics........................................... 5
11.1
Device Support...................................................... 47
6.6
I2C-Compatible Timing Specifications (SCL, SDA)... 6
11.2
Documentation Support ....................................... 47
6.7
Switching Characteristics .......................................... 6
11.3
Community Resources.......................................... 47
6.8
Typical Characteristics .............................................. 7
11.4
Trademarks ........................................................... 47
7
Detailed Description .............................................. 9
11.5
Electrostatic Discharge Caution ............................ 47
7.1
Overview ................................................................... 9
11.6
Glossary ................................................................ 47
7.2
Functional Block Diagram ......................................... 9
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................... 9
Information ........................................................... 47
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (June 2013) to Revision E
Page
•
Added Device Information and Pin Configuration and Functions sections, ESD Ratings table, Feature Description,
Device Functional Modes, Application and Implementation, Power Supply Recommendations, Layout, Device and
Documentation Support, and Mechanical, Packaging, and Orderable Information sections ................................................. 1
Changes from Revision C (March 2013) to Revision D
Page
•
Updated Output Configuration Register defaults: in col. 2 from "00" to "1X"; in col. 3 from "00" to "01"............................. 25
Changes from Revision B (July 2012) to Revision C
Page
•
added "IFULL_SCALE = 20.2mA, Brightness Code = 0xFF" to 2.7V ≤ VIN ≤ 5.5V in conditions for Imatch ................................. 5
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 46
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com