Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 3 Page - Texas Instruments

  LM3532 Datasheet HTML 1Page - Texas Instruments LM3532 Datasheet HTML 2Page - Texas Instruments LM3532 Datasheet HTML 3Page - Texas Instruments LM3532 Datasheet HTML 4Page - Texas Instruments LM3532 Datasheet HTML 5Page - Texas Instruments LM3532 Datasheet HTML 6Page - Texas Instruments LM3532 Datasheet HTML 7Page - Texas Instruments LM3532 Datasheet HTML 8Page - Texas Instruments LM3532 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
A1
A2
A3
A4
B1
B2
B3
B4
C1
C2
C3
C4
D1
D2
D3
D4
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
5 Pin Configuration and Functions
YFQ Package
16-Pin DSBGA
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
Output voltage sense connection for overvoltage sensing. Connect OVP to the positive terminal of the
A1
OVP
IN
output capacitor.
Input terminal to high voltage current sink 3 (40 V maximum). The boost converter regulates the
A2
ILED3
IN
minimum of ILED1, ILED2, or ILED3 to 0.4V.
Input terminal to high voltage current sink 2 (40 V maximum). The boost converter regulates the
A3
ILED2
IN
minimum of ILED1, ILED2, or ILED3 to 0.4V.
Input terminal to high voltage current sink 1 (40 V maximum). The boost converter regulates the
A4
ILED1
IN
minimum of ILED1, ILED2, or ILED3 to 0.4V.
B1
ALS1
IN
Ambient light sensor input 1.
B2
ALS2
IN
Ambient light sensor input 2.
B3
HWEN
IN
Active high hardware enable. Pull this pin high to enable the LM3532. HWEN is a high impedance input.
B4
IN
IN
Input voltage connection. Bypass IN to GND with a minimum 2.2-µF ceramic capacitor.
C1
PWM2
IN
External PWM brightness control Input 2.
C2
PWM1
IN
External PWM brightness Ccontrol Input 1.
C3
INT
OUT
Programmable Interrupt pin. INT is an open-drain output that pulls low when the ALS changes zones.
C4
GND
GND
Ground
D1
SDA
I/O
Serial data connection for I2C-compatible interface
D2
SCL
IN
Serial clock connection for I2C-compatible interface
D3
TO
IN
Unused test input. This pin must be tied externally to GND for proper operation.
D4
SW
IN
Drain connection for boost converters internal NFET
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com