Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 7Page - Texas Instruments LM3532 Datasheet HTML 8Page - Texas Instruments LM3532 Datasheet HTML 9Page - Texas Instruments LM3532 Datasheet HTML 10Page - Texas Instruments LM3532 Datasheet HTML 11Page - Texas Instruments LM3532 Datasheet HTML 12Page - Texas Instruments LM3532 Datasheet HTML 13Page - Texas Instruments LM3532 Datasheet HTML 14Page - Texas Instruments LM3532 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
ILED1
Outputs
(Slaves)
Controls
ALS
Processor
Environmental
Stimulus
PWM
Filters
CABC2
Bank_C
ILED2
ILED3
Bank_B
Bank_A
ALSP_1
PWM_0
PWM_1
CABC1
ALS2
ALS1
(Masters: Output configuration)
(Ramp rates, brightness management)
(ALS processor select, enable)
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
Feature Description (continued)
Figure 11. LM3532 Functional Control Diagram
7.3.5 PWM Inputs
The LM3532 provides two PWM inputs (PWM1 and PWM2) which can be mapped to any of the three Control
Banks. PWM input mapping is done through the Control A PWM Configuration register, the Control B PWM
Configuration register, and the Control C PWM Configuration register.
Both PWM inputs (PWM1 and PWM2) feed into internal level shifters and lowpass filters. This allows the PWM
inputs to accept logic level signals and convert them to analog control signals which can control the assigned
Control Banks LED current. The internal lowpass filter at each PWM input has a typical corner frequency of 540
Hz with a Q of 0.5. This gives a low end useful PWM frequency of around 2 kHz. Frequencies lower than this
cause the LED current to show larger ripple and result in non-linear behavior vs. duty cycle due to the response
time of the boost circuit. The upper boundary of the PWM frequency is greater than 100 kHz. Frequencies above
200 kHz begin to show non linear behavior due to propagation delays through the PWM input circuitry.
7.3.6 Full-Scale LED Current
There are 32 programmable full-scale current settings for each of the three control banks (Control A, Control B,
and Control C). Each control bank has its own independent full-scale current setting (ILED_FULL_SCALE). Full-scale
current for the respective Control Bank is set via the Control A Full-Scale Current Register, the Control B Full-
Scale Current Register, and the Control C Full-Scale Current Register (see Table 12).
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com