Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet (PDF) - Microchip Technology

SY75608 Datasheet PDF - Microchip Technology
Part # SY75608
Download  SY75608 Download
File Size   1473.03 Kbytes
Page   44 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8 or 12 Output Ultra-Low Additive Jitter

SY75608 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY75608 Datasheet PDF - Microchip Technology

Part # SY75608
Download  SY75608 Click to download

File Size   1473.03 Kbytes
Page   44 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8 or 12 Output Ultra-Low Additive Jitter

SY75608 Datasheet (HTML) - Microchip Technology


SY75608 Product details

Features
• Eight (SY75608) and Twelve (SY75612) PCIe 1.0,
2.0, 3.0, 4.0, 5.0, and 6.0 Compliant Outputs
• Ultra-Low Additive Jitter: 10 fs (PCIe Gen5)
• Supports Frequencies of Up to 250 MHz
• Transparent for Spread Spectrum
• Supports 1.8V ±10%, 2.5V ±10%, and 3.3V ±10%
Power Supplies
• Outputs Low Power HCSL with Embedded
Termination Resistors
• Selectable Pin or I2C Bus Control
• Individual Glitch Free Output Enable (OExb)
Control Pins
• Accepts DC-Coupled HCSL Input Signal and
AC-Coupled PECL, LVDS, and CML Input Signals
• Extended Temperature Range: –40°C to +105°C
• 6 mm x 6 mm VQFN (SY75608) and
8 mm x 8 mm VQFN (SY75612) package
Applications
• Cloud and High-Performance Computing
• PCIe-Based SSD Drives
• PCIe Switches
• Servers
General Description
The SY75608 and SY75612 are industry-leading PCIe
clock buffers with ultra-low additive jitter:
• 6 fs (PCIe 6.0)
• 10 fs (PCIe 5.0)
• 20 fs (PCIe 3.0/4.0)
• 52 fs in the 12 kHz to 20 MHz band
They can be used in all PCIe 1/2/3/4/5/6 common clock
and SRIS applications.
SY75608 and SY75612 are, respectively, eight and
twelve output PCIe clock buffers with glitch free
per-output enable/disable control hardware pins.
Devices are packaged in 6 mm x 6 mm VQFN
(SY75608) and 8 mm x 8 mm VQFN (SY75612).
The SY75608/612 each have an embedded
low-dropout regulator (LDO) for superior power noise
supply rejection. They support 1.8V, 2.5V, and 3.3V
supplies with a tolerance of ±10%, which exceeds the
±9% required by the PCIe Card Electro Mechanical
Specification.
Both parts are available in the extended temperature
range of –40°C to +105°C. Both parts are also available
with customized configurations to meet the customer’s
needs. Please visit the ClockWorks Configurator to
design your particular specifications




Similar Part No. - SY75608

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SY75602A MICROCHIP-SY75602A Datasheet
1Mb / 26P
2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
09/14/21
SY75602B MICROCHIP-SY75602B Datasheet
1Mb / 26P
2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
09/14/21
SY75602BTWLTR MICROCHIP-SY75602BTWLTR Datasheet
1Mb / 26P
2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
09/14/21
SY75603A MICROCHIP-SY75603A Datasheet
1Mb / 26P
2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
09/14/21
SY75603ATWL MICROCHIP-SY75603ATWL Datasheet
1Mb / 26P
2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
09/14/21
More results


Similar Description - SY75608

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
2:12 Low Additive Jitter LVDS Buffer
logo
Integrated Device Techn...
IDT8P34S1208I IDT-IDT8P34S1208I Datasheet
345Kb / 18P
Eight low skew, low additive jitter LVDS output pairs
IDT8SLVD1208-33I IDT-IDT8SLVD1208-33I Datasheet
400Kb / 21P
Eight low skew, low additive jitter LVDS output pairs
651S IDT-651S Datasheet
222Kb / 12P
Low additive phase jitter RMS
logo
Texas Instruments
LMK00308 TI1-LMK00308_16 Datasheet
2Mb / 42P
3-GHz 8-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
logo
Microsemi Corporation
ZL40240 MICROSEMI-ZL40240 Datasheet
1Mb / 34P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
February 2017
ZL40241 MICROSEMI-ZL40241 Datasheet
745Kb / 23P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
October 2018
ZL40292 MICROSEMI-ZL40292 Datasheet
928Kb / 28P
20-Output DB2000Q Buffer with Ultra Low Additive Jitter
March 2019
logo
Microchip Technology
ZL40294 MICROCHIP-ZL40294 Datasheet
3Mb / 46P
20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
05-12-23
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com