Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 6 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 2Page - Microchip Technology SY75608 Datasheet HTML 3Page - Microchip Technology SY75608 Datasheet HTML 4Page - Microchip Technology SY75608 Datasheet HTML 5Page - Microchip Technology SY75608 Datasheet HTML 6Page - Microchip Technology SY75608 Datasheet HTML 7Page - Microchip Technology SY75608 Datasheet HTML 8Page - Microchip Technology SY75608 Datasheet HTML 9Page - Microchip Technology SY75608 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
SY75608/612
DS20006363D-page 6
2021 - 2023 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VDD) ................................................................................................................................–0.5V to +4.6V
Input Voltage (VIN).............................................................................................................................–0.5V to VDD + 0.5V
Input ESD Protection (HBM) ......................................................................................................................................2 kV
Operating Ratings ‡
1.8V Operating Voltage (VDD) ...............................................................................................................+1.62V to +1.98V
2.5V Operating Voltage (VDD) ...............................................................................................................+2.25V to +2.75V
3.3V Operating Voltage (VDD) ...............................................................................................................+2.97V to +3.63V
† Notice: Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only
and functional operation is not implied at conditions other than those detailed in the operational sections of this data
sheet. Exposure to absolute maximum ratings conditions may affect device reliability.
‡ Notice: The data sheet limits are not guaranteed if the device is operated beyond the recommended operating
conditions.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VDD = 3.3V ±10%, VDD = 2.5V ±10%, VDD = 1.8V ±10%, TA = –40°C to +105°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Current Consumption
Core Device Current
IDD
—
13
15
mA
All outputs and XTAL disabled.
Both reference inputs fed with
100 MHz differential clock.
Core Device Current
IDD_XTAL
—
13
15
mA
All outputs disabled; XTAL circuit
enabled with 25 MHz Crystal
connected between XIN and XOUT
Current Dissipation per
LPHCSL Output (100Ω)
IDD_HCSL_100Ω
—
3.5
3.9
mA
Note 1
Current Dissipation per
LPHCSL Output (85Ω)
IDD_HCSL_85Ω
—
4.0
4.4
mA
Note 1
Power Supply Noise Rejection Ratio
Power Supply Noise
Rejection Ratio
PSNRRHCSL
—
70
—
dB
100 mVPP, 100 kHz noise injected
to VDD. Clock Frequency 100 MHz,
VDD = 3.3V
Input
Input Slew Rate
SRIN
0.6
—
—
V/ns
—
Differential Input High
Voltage
VIH
0.15
—
—
V
—
Differential Input Low
Voltage
VIL
—
—
–0.15
V
—
Input Voltage Swing
VASWING
0.15
—
—
V
—
Absolute Crossing Point
Voltage
VCROSS
0.25
—
0.55
V
—
Variation of VCROSS Over
All Edges
VCROSSDELTA
—
—
0.14
V
—
Voltage High for Control
Inputs
VIH_OE
0.7*VDD
—
—
V
—
Voltage Low for Control
Inputs
VIL_OE
—
—
0.3*VDD
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com