Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 18 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 18 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 14Page - Microchip Technology SY75608 Datasheet HTML 15Page - Microchip Technology SY75608 Datasheet HTML 16Page - Microchip Technology SY75608 Datasheet HTML 17Page - Microchip Technology SY75608 Datasheet HTML 18Page - Microchip Technology SY75608 Datasheet HTML 19Page - Microchip Technology SY75608 Datasheet HTML 20Page - Microchip Technology SY75608 Datasheet HTML 21Page - Microchip Technology SY75608 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
SY75608/612
DS20006363D-page 18
2021 - 2023 Microchip Technology Inc. and its subsidiaries
52
IN_SEL0
/I2C_SA_0
IPD
Input Select 0 or I2C Address
When SEL pin is low, this pin is Input Select 0 hardware control input.
When SEL pin is high, this pin together with pin 51 provides address for
I2C Bus. This pin is pulled down with 100 kΩ resistor when SEL is low.
IN_SEL1
IN_SEL0
OUTN
0
0
Input 0 (IN0)
0
1
Input 1 (IN1)
1
0
Crystal Oscillator or Overdrive
1
1
Crystal Bypass
51
IN_SEL1
/I2C_SA_1
IPD
Input Select 1 or Serial Interface Input
When SEL pin is low, this pin is Input Select 1 hardware control pin.
When SEL pin is high, this pin together with pin 52 provides address for
I2C Bus.
This pin is pulled-down with 100 kΩ resistor when SEL is low.
50
OE_TYPE0
/I2C_SCL
IPD/O
Output Signal Type or I2C Bus Clock
When SEL pin is low this pin and pin 49 selects output type.
OE_TYPE1
OE_TYPE0
Output [11:0] state when OE_n is
high
0
0
Both p and n are pulled low via
internal output termination resistors
per standard HCSL (PCIe)
0
1
Drive Differential Low: p is pulled low
and n is pulled high via output
termination resistors
1
0
Reserved
1
1
High-Z (Disabled)
When SEL pin is high this pin is I2C Bus Clock.
This pin is pulled-down with 100 kΩ resistor.
49
OE_TYPE1
/I2C_SDA
IPD/OOD
Output Signal Type or I2C Bus I/O Data
When SEL pin is low, this pin and pin 50 selects output type.
When SEL pin is high, this pin is an I/O pin (Input/Open-Drain) for I2C
Bus.
This pin is pulled down with 100 kΩ resistor.
56
OE0b
IPD
Output Enable Control
When the SEL pin is low and OEnb is low the output n where n = {0,..,11}
is active
When the SEL pin is low and OEnb is high the output is dependent on
OE_TYPE0/1 pins
OEnb is synchronous and it need four clock cycles before the
corresponding output gets enabled/disabled.
OEnb pins are pulled-down with 100 kΩ resistor.
55
OE1b
54
OE2b
17
OE3b
16
OE4b
15
OE5b
27
OE6b
26
OE7b
19
OE8b
45
OE9b
44
OE10b
43
OE11b
22
XIN
I
Crystal Oscillator Input or Crystal Bypass Mode or Crystal
Overdrive Mode
If crystal circuit is not used pull-down this pin or connect it to the ground.
23
XOUT
O
Crystal Oscillator Output
TABLE 3-2:
SY75612 PIN FUNCTION TABLE (CONTINUED)
Pin Number
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com