Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 16 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 16 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 12Page - Microchip Technology SY75608 Datasheet HTML 13Page - Microchip Technology SY75608 Datasheet HTML 14Page - Microchip Technology SY75608 Datasheet HTML 15Page - Microchip Technology SY75608 Datasheet HTML 16Page - Microchip Technology SY75608 Datasheet HTML 17Page - Microchip Technology SY75608 Datasheet HTML 18Page - Microchip Technology SY75608 Datasheet HTML 19Page - Microchip Technology SY75608 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
SY75608/612
DS20006363D-page 16
2021 - 2023 Microchip Technology Inc. and its subsidiaries
43
OE_TYPE0
/I2C_SCL
IPD/O
Output Signal Type or I2C Bus Clock
When SEL pin is low this pin and pin 42 selects output type.
OE_TYPE1
OE_TYPE0
Output [7:0] state when OE_n is
high
0
0
Both p and n are pulled low via
internal output termination resistors
per standard HCSL (PCIe)
0
1
Drive Differential Low: p is pulled low
and n is pulled high via output
termination resistors
1
0
Reserved
1
1
High-Z (disabled)
When SEL pin is high this pin is I2C Bus Clock. This pin is pulled down
with 100 kΩ resistor when SEL is low.
42
OE_TYPE1/
I2C_SDA
IPD/OOD
Output Signal Type or I2C Bus I/O Data
When SEL pin is low, this pin and pin 43 selects output type.
When SEL pin is high, this pin is an I/O pin (Input/Open-Drain) for I2C
Bus.
This pin is pulled down with 100 kΩ resistor when SEL is low.
48
OE0b
IPD
Output Enable Control
When the SEL pin is low and OEnb is low, the output n where n = {0,..,7}
is active.
When the SEL pin is low and OEnb is high, the output is dependent on
OE_TYPE0/1 pins
OEnb is synchronous and it need four clock cycles before the
corresponding output gets enabled/disabled.
OEnb pins are pulled-down with 100 kΩ resistor.
47
OE1b
14
OE2b
13
OE3b
23
OE4b
22
OE5b
38
OE6b
37
OE7b
18
XIN
I
Crystal Oscillator Input or Crystal Bypass Mode or Crystal
Overdrive Mode
If crystal circuit is not used, pull-down this pin or connect it to ground.
19
XOUT
O
Crystal Oscillator Output
41
SEL
IPD
Select Control
When this pin is low, the device is controlled via hardware pins,
IN_SEL0/1 and OE_TYPE0/1.
When this pin is high, the device is controlled via I2C Bus port.
Any change of SEL pin value requires power cycle. Hence, SEL pin
cannot be changed on the fly.
This pin is pulled down with 100 kΩ resistor.
24
OUT_IMP_SEL
IPD
Output Impedance Select
When this pin is low, the output differential impedance is 100Ω
When this pin is high, the output differential impedance is 85Ω
This pin is pulled down with 100 kΩ resistor.
15
VDD
P
Positive Supply Voltage
Connect to 3.3V, 2.5V, or 1.8V supply.
39
46
TABLE 3-1:
SY75608 PIN FUNCTION TABLE (CONTINUED)
Pin Number
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com