Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 23 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 23 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 19Page - Microchip Technology SY75608 Datasheet HTML 20Page - Microchip Technology SY75608 Datasheet HTML 21Page - Microchip Technology SY75608 Datasheet HTML 22Page - Microchip Technology SY75608 Datasheet HTML 23Page - Microchip Technology SY75608 Datasheet HTML 24Page - Microchip Technology SY75608 Datasheet HTML 25Page - Microchip Technology SY75608 Datasheet HTML 26Page - Microchip Technology SY75608 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
2021 - 2023 Microchip Technology Inc. and its subsidiaries
DS20006363D-page 23
SY75608/612
5.0
HOST INTERFACE
SY75608 and SY75612 can be controlled via hardware pins (SEL pin tied low) or via I2C Bus (SEL pin tied high). The
mode shall be selected during power up and it cannot be changed on the fly.
5.1
Hardware Controlled Mode
In this mode, SY75608/612 is controlled via Input Select pins (IN_SEL[1:0]) that select which one of three inputs is fed
to outputs (as shown in Table 5-1), output enable pins (OE_b) for each output (as shown in Figure 5-1), and Output
Impedance Select pin.
Any outputs can be disabled by pulling the corresponding OExb pin high. The OExb is sampled on the falling edge of
the differential input clock (or falling edge of INx_p). It takes 4.5 clock cycles before the output goes from the active state
to the state defined by OE_TYPE0/1 pins (SEL = 0) or defined by DRVSTATE0/1/2 register (SEL = 1) as shown in
Figure 5-1.
FIGURE 5-1:
Output Disable.
Any outputs can be enabled by pulling the corresponding OExb pin low. The OExb is sampled on the falling edge of the
differential input (or falling edge of Inx_p signal). It takes 3.5 clock cycles of the input clock before the output goes from
the state defined by OE_TYPE0/1 pins (SEL pin pulled low) or defined by DRVSTATE0/1/2 registers (SEL pin pulled
high) to the active state as shown in Figure 5-2.
TABLE 5-1:
INPUT CLOCK SELECTION
IN_SEL1
IN_SEL0
Selected Input
0
0
IN0_p, IN0_n
0
1
IN1_p, IN1_n
1
X
XIN (crystal input pin)
INx_n
INx_p
INx_p - INx_n
OExb
OUTx_n
OUTx_p
OUTx_n
OUTx_p
If OExb are selected to tristate outputs
If OExb are selected to pull-low through
series termina on resistor (HCSL default)
OUTx_n
OUTx_p
If OExb are selected to drive low
I/O delay
OUTx_n
OUTx_p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com