Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 22 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 22 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 18Page - Microchip Technology SY75608 Datasheet HTML 19Page - Microchip Technology SY75608 Datasheet HTML 20Page - Microchip Technology SY75608 Datasheet HTML 21Page - Microchip Technology SY75608 Datasheet HTML 22Page - Microchip Technology SY75608 Datasheet HTML 23Page - Microchip Technology SY75608 Datasheet HTML 24Page - Microchip Technology SY75608 Datasheet HTML 25Page - Microchip Technology SY75608 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
SY75608/612
DS20006363D-page 22
2021 - 2023 Microchip Technology Inc. and its subsidiaries
Load capacitors can be programmed from 0 pF to 23.8 pF with a resolution of 0.1875 pF that not only meets load
requirement for most crystal resonator, but also allows for fine tuning of the crystal resonator frequency. The amplifier
gain can be adjusted by selecting one of seven gain values. The series resistor is adjusted based on the selected gain.
Shunt resistor has fixed value of 500 kΩ.
In Hardware Controlled mode, the capacitive load is set at 8 pF and cannot be changed. For crystals that require higher
load, additional capacitance can be added externally as shown in Figure 4-6.
FIGURE 4-6:
Crystal Oscillator Circuit in Hardware Controlled Mode.
MCHP Device
XIN
XOU T
Crystal
C1
C2
Lo ad capacitors C1 an d C2
sho uld be as p er crystal
speci ca on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com