Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 8 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 8 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 4Page - Microchip Technology SY75608 Datasheet HTML 5Page - Microchip Technology SY75608 Datasheet HTML 6Page - Microchip Technology SY75608 Datasheet HTML 7Page - Microchip Technology SY75608 Datasheet HTML 8Page - Microchip Technology SY75608 Datasheet HTML 9Page - Microchip Technology SY75608 Datasheet HTML 10Page - Microchip Technology SY75608 Datasheet HTML 11Page - Microchip Technology SY75608 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
SY75608/612
DS20006363D-page 8
2021 - 2023 Microchip Technology Inc. and its subsidiaries
Frequency in Overdrive
Mode (Note 1)
fOV
8
—
160
MHz
Functional, but may not meet AC
parameters. Minimum depends on
AC coupling Capacitor (0.1 µF
assumed)
Frequency in Bypass
Mode (Note 2)
fBP
0
—
250
MHz
Functional, but may not meet AC
parameters
Note 1: Maximum input level is 2V.
2: Maximum output level is VDD.
OUTPUT ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VDD = 3.3V ±10%, VDD = 2.5V ±10%, VDD = 1.8V ±10%, TA = –40°C to +105°C, unless
noted. CLOAD = 2 pF.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Rising Edge Rate
—
1
2.5
4
V/ns
Note 1, Note 2
Falling Edge Rate
—
1
2.5
4
V/ns
Note 1, Note 2
Differential Output High
Voltage
VOH
0.6
—
0.9
V
Note 1
Differential Output Low
Voltage
VOL
–0.9
—
–0.6
V
Note 1
Absolute Crossing
Voltage
VCROSS
0.25
—
0.55
V
Note 3, Note 4, Note 5
Variation of VCROSS Over
All Rising Clock Edges
VCROSS_DELTA
—
—
0.14
V
Note 3, Note 4, Note 6
Ring Back Voltage
Margin
VRB
–0.1
—
0.1
V
Note 1, Note 7
Time before VRB is
Allowed
tSTABLE
500
—
—
ps
Note 1, Note 7
Cycle-to-Cycle Additive
Jitter
tOCJITTER
—
6.5
8.1
psPP
Note 1
Absolute Maximum
Output Voltage
VMAX
—
—
1.15
V
Note 3, Note 8
Absolute Minimum
Output Voltage
VMIN
–0.3
—
—
V
Note 3, Note 9
Output Duty Cycle
ODC
48
50
52
%
When input has 50% duty cycle and
VIN ≥ 200 mV, Note 1
Rising-to-Falling Edge
Matching
—
—
—
15
%
Note 3, Note 10
Clock Source DC
Impedance (OUTx_p)
ZC-DC_OUT_p
—
50/42.5
—
Ω
OUT_IMP_SEL = low/high, Note 3,
Note 11
Clock Source DC
Impedance (OUTx_n)
ZC-DC_OUT_n
—
50/42.5
—
Ω
OUT_IMP_SEL = low/high, Note 3,
Note 11
Output Frequency
fMAX
0
—
250
MHz
—
Output-to-Output Skew
tOOSK
—
14
30
ps
—
CRYSTAL OSCILLATOR CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VDD/VDDO = 3.3V ±10%, VDD/VDDO = 2.5V ±10%, VDD/VDDO = 1.8V ±10%, TA = –40°C
to +105°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com