Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 21 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 21 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 17Page - Microchip Technology SY75608 Datasheet HTML 18Page - Microchip Technology SY75608 Datasheet HTML 19Page - Microchip Technology SY75608 Datasheet HTML 20Page - Microchip Technology SY75608 Datasheet HTML 21Page - Microchip Technology SY75608 Datasheet HTML 22Page - Microchip Technology SY75608 Datasheet HTML 23Page - Microchip Technology SY75608 Datasheet HTML 24Page - Microchip Technology SY75608 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
2021 - 2023 Microchip Technology Inc. and its subsidiaries
DS20006363D-page 21
SY75608/612
FIGURE 4-3:
Input Driven from a Single-Ended CMOS Output.
4.2
Clock Outputs
Differential outputs have embedded termination resistors as shown in Figure 4-4. This provides significant saving
relative to traditional current-based HCSL outputs that require four resistors per differential output.
FIGURE 4-4:
Terminating Differential Outputs.
Embedded termination resistors in SY75608/612 are matched for 85Ω or 100Ω differential transmission lines.
4.3
Crystal Oscillator Circuit
The crystal oscillator circuit can work with crystal resonators from 8 MHz to 160 MHz. As can be seen in Figure 4-5, only
a crystal resonator is required and all the other components are built into the device. To be able support crystal
resonators with different characteristics all internal components are programmable in I2C Controlled mode.
FIGURE 4-5:
Crystal Oscillator Circuit in SPI Controlled Mode.
R1
R2
Z0 = 50
MCHP
Device
VDD
Rs
VDD
0.1 μF
Ro
Ro + Rs = Z0
VDD
R3
R4
R1/R2 = R3/R4
VDD
0.1 μF
R1
R2
442
332
237
56
59
62
VDD
3.3V
2.5V
1.8V
R3
R4
10 k
10 k
10 k
1.27 k
1.78 k
2.61 k
100
di eren al
MCHP Device
Rs
Rs
VDD
HCSL Inp ut
0.1875pF
0.375pF
12pF
XOU T
0.1875pF
0.375pF
12pF
500
XIN
Gain and series
resistor adjustment
MCHP Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com