Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 10 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 10 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 6Page - Microchip Technology SY75608 Datasheet HTML 7Page - Microchip Technology SY75608 Datasheet HTML 8Page - Microchip Technology SY75608 Datasheet HTML 9Page - Microchip Technology SY75608 Datasheet HTML 10Page - Microchip Technology SY75608 Datasheet HTML 11Page - Microchip Technology SY75608 Datasheet HTML 12Page - Microchip Technology SY75608 Datasheet HTML 13Page - Microchip Technology SY75608 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
SY75608/612
DS20006363D-page 10
2021 - 2023 Microchip Technology Inc. and its subsidiaries
Additive Jitter per PCIe
3.0 (PLL_BW = 2 MHz to
5 MHz, CDR = 10 MHz)
tjPCIe_3.0
—
20
25
fsRMS Note 1, Note 2
Additive Jitter per PCIe
4.0 (PLL_BW = 2 MHz to
5 MHz, CDR = 10 MHz)
tjPCIe_4.0
—
20
25
fsRMS Note 1, Note 2
Additive Jitter per PCIe
5.0 (PLL_BW = 0.5 MHz
to 1.8 MHz, CDR for 32
GT/s CC)
tjPCIe_5.0
—
8.2
10
fsRMS Note 2, Note 3
Additive Jitter per PCIe
6.0 (PLL_BW = 0.5 MHz
to 1.0 MHz, CDR for 64
GT/s CC)
tjPCIe_6.0
—
5.2
6.2
fsRMS Note 2, Note 3
Additive jitter per Intel
QPI 9.6 Gbps
tjQPI
—
35
45
fsRMS Note 1, Note 2
Additive RMS Jitter in
1 MHz to 20 MHz Band
tj_1M_20M
—
53
67
fsRMS Note 1, Note 2, 100 MHz Clock
—
41
56
fsRMS Note 1, Note 2, 133 MHz Clock
Additive RMS Jitter in
12 kHz to 20 MHz Band
tj_12k_20M
—
51
64
fsRMS Note 1, Note 2, 100 MHz Clock
—
39
54
fsRMS Note 1, Note 2, 133 MHz Clock
Noise Floor
NF
—
–165
–163
dBc/Hz Note 1, Note 2, 100 MHz Clock
—
–165
–162
dBc/Hz Note 1, Note 2, 133 MHz Clock
Note 1: Measured into AC test load as per Figure 1-7.
2: Measured from differential crossing point to differential crossing point.
3: Measured with 50Ω termination in instrument without a test load.
I2C BUS ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Nominal Bus Voltage
VDD_I2C
1.62
—
5.5
V
Note 1
Input Low Voltage
VIL
—
—
0.6
V
—
Input High Voltage
VIH
1.5
—
VDD_I2C
V
—
Output Low Voltage
VOL
—
—
0.4
V
At IPULLUP,MAX
Input Leakage Current
ILEAK
—
—
±10
µA
—
Current Sinking at
VOL,MAX
IPULLUP
4
—
—
mA
—
Pin Capacitive Load
CL
—
—
1
pF
—
Signal Noise Immunity
from 10 MHz to 100 MHz
VNOISE
300
—
—
mVPP —
Noise Spike Suppression
Time
tSPIKE
0
—
50
ns
Note 3
I2C Bus Operating
Frequency
fI2C
0
—
400
kHz
—
Bus Free Time Between
Stop and Start Condition
tBUF
1.3
—
—
µs
—
Hold Time After
(Repeated) Start
Condition
tHD:STA
0.6
—
—
µs
After this period, the first clock is
generated.
JITTER AND PHASE NOISE (CONTINUED)
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com