Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 1 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 1 Page - Microchip Technology

  SY75608 Datasheet HTML 1Page - Microchip Technology SY75608 Datasheet HTML 2Page - Microchip Technology SY75608 Datasheet HTML 3Page - Microchip Technology SY75608 Datasheet HTML 4Page - Microchip Technology SY75608 Datasheet HTML 5Page - Microchip Technology SY75608 Datasheet HTML 6Page - Microchip Technology SY75608 Datasheet HTML 7Page - Microchip Technology SY75608 Datasheet HTML 8Page - Microchip Technology SY75608 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
2021 - 2023 Microchip Technology Inc. and its subsidiaries
DS20006363D-page 1
SY75608/612
Features
• Eight (SY75608) and Twelve (SY75612) PCIe 1.0,
2.0, 3.0, 4.0, 5.0, and 6.0 Compliant Outputs
• Ultra-Low Additive Jitter: 10 fs (PCIe Gen5)
• Supports Frequencies of Up to 250 MHz
• Transparent for Spread Spectrum
• Supports 1.8V ±10%, 2.5V ±10%, and 3.3V ±10%
Power Supplies
• Outputs Low Power HCSL with Embedded
Termination Resistors
• Selectable Pin or I2C Bus Control
• Individual Glitch Free Output Enable (OExb)
Control Pins
• Accepts DC-Coupled HCSL Input Signal and
AC-Coupled PECL, LVDS, and CML Input Signals
• Extended Temperature Range: –40°C to +105°C
• 6 mm x 6 mm VQFN (SY75608) and
8 mm x 8 mm VQFN (SY75612) package
Applications
• Cloud and High-Performance Computing
• PCIe-Based SSD Drives
• PCIe Switches
• Servers
General Description
The SY75608 and SY75612 are industry-leading PCIe
clock buffers with ultra-low additive jitter:
• 6 fs (PCIe 6.0)
• 10 fs (PCIe 5.0)
• 20 fs (PCIe 3.0/4.0)
• 52 fs in the 12 kHz to 20 MHz band
They can be used in all PCIe 1/2/3/4/5/6 common clock
and SRIS applications.
SY75608 and SY75612 are, respectively, eight and
twelve output PCIe clock buffers with glitch free
per-output enable/disable control hardware pins.
Devices are packaged in 6 mm x 6 mm VQFN
(SY75608) and 8 mm x 8 mm VQFN (SY75612).
The SY75608/612 each have an embedded
low-dropout regulator (LDO) for superior power noise
supply rejection. They support 1.8V, 2.5V, and 3.3V
supplies with a tolerance of ±10%, which exceeds the
±9% required by the PCIe Card Electro Mechanical
Specification.
Both parts are available in the extended temperature
range of –40°C to +105°C. Both parts are also available
with customized configurations to meet the customer’s
needs. Please visit the ClockWorks Configurator to
design your particular specifications.
8 or 12 Output Ultra-Low Additive Jitter
PCIe 1/2/3/4/5/6 Clock Buffer


Similar Part No. - SY75608

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SY75602A MICROCHIP-SY75602A Datasheet
1Mb / 26P
2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
09/14/21
SY75602B MICROCHIP-SY75602B Datasheet
1Mb / 26P
2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
09/14/21
SY75602BTWLTR MICROCHIP-SY75602BTWLTR Datasheet
1Mb / 26P
2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
09/14/21
SY75603A MICROCHIP-SY75603A Datasheet
1Mb / 26P
2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
09/14/21
SY75603ATWL MICROCHIP-SY75603ATWL Datasheet
1Mb / 26P
2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
09/14/21
More results

Similar Description - SY75608

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
2:12 Low Additive Jitter LVDS Buffer
logo
Integrated Device Techn...
IDT8P34S1208I IDT-IDT8P34S1208I Datasheet
345Kb / 18P
Eight low skew, low additive jitter LVDS output pairs
IDT8SLVD1208-33I IDT-IDT8SLVD1208-33I Datasheet
400Kb / 21P
Eight low skew, low additive jitter LVDS output pairs
651S IDT-651S Datasheet
222Kb / 12P
Low additive phase jitter RMS
logo
Texas Instruments
LMK00308 TI1-LMK00308_16 Datasheet
2Mb / 42P
3-GHz 8-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
logo
Microsemi Corporation
ZL40240 MICROSEMI-ZL40240 Datasheet
1Mb / 34P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
February 2017
ZL40241 MICROSEMI-ZL40241 Datasheet
745Kb / 23P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
October 2018
ZL40292 MICROSEMI-ZL40292 Datasheet
928Kb / 28P
20-Output DB2000Q Buffer with Ultra Low Additive Jitter
March 2019
logo
Microchip Technology
ZL40294 MICROCHIP-ZL40294 Datasheet
3Mb / 46P
20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
05-12-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com