Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 41 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 41 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 36Page - Microchip Technology SY75608 Datasheet HTML 37Page - Microchip Technology SY75608 Datasheet HTML 38Page - Microchip Technology SY75608 Datasheet HTML 39Page - Microchip Technology SY75608 Datasheet HTML 40Page - Microchip Technology SY75608 Datasheet HTML 41Page - Microchip Technology SY75608 Datasheet HTML 42Page - Microchip Technology SY75608 Datasheet HTML 43Page - Microchip Technology SY75608 Datasheet HTML 44Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
2021 - 2023 Microchip Technology Inc. and its subsidiaries
DS20006363D-page 41
SY75608/612
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Note:
For customers ordering a customized configuration from the ClockWorks Configurator, the part number
examples shown above will be appended by “GXXX” in which the “XXX” represents a numerical code
assigned by Microchip (e.g., SY75608TWL-TRG0001).
Examples:
a) SY75608TWL:
8 Output Ultra-Low Additive
Jitter PCIe Gen1/2/3/4/5/6 Clock
Buffer, 48-Lead 6 mm x 6 mm
VQFN, 490/Tray
b) SY75608TWL-TR:
8 Output Ultra-Low Additive
Jitter PCIe Gen1/2/3/4/5/6 Clock
Buffer, 48-Lead 6 mm x 6 mm
VQFN, 3,300/Reel
c) SY75612TWL:
12 Output Ultra-Low Additive
Jitter PCIe Gen1/2/3/4/5/6 Clock
Buffer, 56-Lead 8 mm x 8 mm
VQFN, 260/Tray
d) SY75612TWL-TR:
12 Output Ultra-Low Additive
Jitter PCIe Gen1/2/3/4/5/6 Clock
Buffer, 56-Lead 8 mm x 8 mm
VQFN, 3,000/Reel
Device:
SY75608:
8 Output Ultra-Low Additive Jitter PCIe
Gen1/2/3/4/5/6 Clock Buffer
SY75612:
12 Output Ultra-Low Additive Jitter PCIe
Gen1/2/3/4/5/6 Clock Buffer
Package:
TWL
=
48-Lead 6 mm x 6 mm VQFN
TWL
=
56-Lead 8 mm x 8 mm VQFN
Media Type:
<blank>=
490/Tray (SY75608 Only)
<blank>=
260/Tray (SY75612 Only)
TR
=
3,000/Reel (SY75612 Only)
TR
=
3,300/Reel (SY75608 Only)
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the Tape
and Reel option.
PART No.
XXX
[-XX]
Device
Package
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com