Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 28 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 28 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 24Page - Microchip Technology SY75608 Datasheet HTML 25Page - Microchip Technology SY75608 Datasheet HTML 26Page - Microchip Technology SY75608 Datasheet HTML 27Page - Microchip Technology SY75608 Datasheet HTML 28Page - Microchip Technology SY75608 Datasheet HTML 29Page - Microchip Technology SY75608 Datasheet HTML 30Page - Microchip Technology SY75608 Datasheet HTML 31Page - Microchip Technology SY75608 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
SY75608/612
DS20006363D-page 28
2021 - 2023 Microchip Technology Inc. and its subsidiaries
XTAL Load Capacitance - XTALLC (0x02)
7:0
xtal_load_cap[7:0]
Internal load capacitance of crystal circuit (0 pF to
23.8 pF with the resolution of 0.1875 pF).
XIN and XOUT have each capacitor connected to
GND.
Multiple bit combinations available between 7
capacitors.
8’b0000_0000 = Disable all xtal load capacitors
8’b0000_0001 = Enable capacitor 0.1875 pF
8’b0000_0010 = Enable capacitor 0.375 pF
8’b0000_0100 = Enable capacitor 0.75 pF
8’b0000_1000 = Enable capacitor 1.5 pF
8’b0001_0000 = Enable capacitor 3 pF
8’b0010_0000 = Enable capacitor 6 pF
8’b0100_0000 = Enable capacitor 12 pF
8’b1000_0000 = Reserved
R/W
40
Note 1
XTAL Normal Run - XTALNR (0x03)
7:1
Unused
Unused
R
0000000
0
xtal_normal_run
When this bit is set high crystal oscillator circuit is
running only if input_select[1:0] register at address
0x05 selects crystal mode (2’b10). This value is
recommended because it provides best jitter
performance—XO circuit is running only when it is
needed.
When this bit is set low the crystal oscillator will keep
running even if crystal oscillator is not selected in
input_select[1:0] register at address 0x05. This mode
should only be used when fast switching between
input references and crystal oscillator is required.
R/W
1
Note 1
Input Select - INSEL (0x04)
7:2
Unused
Unused
R
000000
1:0
input_select[1:0]
Input reference clock selection.
Proper external coupling and termination are
required.
2’b00 = Differential input from IN0_p and IN0_n
2’b01 = Differential input from IN1_p and IN1_n
2’b10 = Fundamental XTAL mode with XIN and XOUT
(Use internal crystal oscillator circuits) or XTAL
overdrive mode (single-ended clock signal fed to XIN)
2’b11 = XTAL bypass mode (single-ended clock signal
with XIN and disabled internal crystal buffer circuit in
the analog block)
R/W
00
Note 1
State of Outputs when Disabled (Outputs 0 to 3) - OUTDSTATE0 (0x05)
7:6
out_disable_state[7:6]
State of OUT3 driver when the corresponding bit in
OUTEN register is set low.
The same bit configuration with OUT0.
R/W
00
5:4
out_disable_state[5:4]
State of OUT2 driver when the corresponding bit in
OUTEN register is set low.
The same bit configuration with OUT0.
R/W
00
TABLE 6-2:
DETAILED REGISTER MAP (CONTINUED)
Bit
Name
Description
Type
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com