Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 32 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 32 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 28Page - Microchip Technology SY75608 Datasheet HTML 29Page - Microchip Technology SY75608 Datasheet HTML 30Page - Microchip Technology SY75608 Datasheet HTML 31Page - Microchip Technology SY75608 Datasheet HTML 32Page - Microchip Technology SY75608 Datasheet HTML 33Page - Microchip Technology SY75608 Datasheet HTML 34Page - Microchip Technology SY75608 Datasheet HTML 35Page - Microchip Technology SY75608 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
SY75608/612
DS20006363D-page 32
2021 - 2023 Microchip Technology Inc. and its subsidiaries
48-Lead VQFN 6 mm x 6 mm Package Outline and Recommended Land Pattern
B
A
0.05 C
0.05 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-494 Rev A Sheet 1 of 2
2X
48X
http://www.microchip.com/packaging
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
48-Lead Very Thin Plastic Quad Flat, No Lead Package (6LX) - 6x6 mm Body [VQFN]
With 4.1x4.1 mm Exposed Pad
D
E
D2
E2
2X CH
e
2
e
L
48X b
(K)
2
1
N
2
1
N
A1
(A3)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com