Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 29 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 29 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 25Page - Microchip Technology SY75608 Datasheet HTML 26Page - Microchip Technology SY75608 Datasheet HTML 27Page - Microchip Technology SY75608 Datasheet HTML 28Page - Microchip Technology SY75608 Datasheet HTML 29Page - Microchip Technology SY75608 Datasheet HTML 30Page - Microchip Technology SY75608 Datasheet HTML 31Page - Microchip Technology SY75608 Datasheet HTML 32Page - Microchip Technology SY75608 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
2021 - 2023 Microchip Technology Inc. and its subsidiaries
DS20006363D-page 29
SY75608/612
3:2
out_disable_state[3:2]
State of OUT1 driver when the corresponding bit in
OUTEN register is set low.
The same bit configuration with OUT0.
R/W
00
1:0
out_disable_state[1:0]
State of OUT0 driver when the corresponding bit in
OUTEN register is set low.
These bits should be set first before the
corresponding bit in OUTEN register is toggled.
2’b00 = Both low (p output low, n output low)
2’b01 = Drive Low (p output low, n output high)
2’b10 = Outputs High-Z
2’b11 = Outputs High-Z
R/W
00
State of Outputs when Disabled (Outputs 4 to 7) - OUTDSTATE1 (0x06)
7:6
out_disable_state[15:14]
State of OUT7 driver when the corresponding bit in
OUTEN register is set low.
The same bit configuration with OUT0.
R/W
00
5:4
out_disable_state[13:12]
State of OUT6 driver when the corresponding bit in
OUTEN register is set low.
The same bit configuration with OUT0.
R/W
00
3:2
out_disable_state[11:10]
State of OUT5 driver when the corresponding bit in
OUTEN register is set low.
The same bit configuration with OUT0.
R/W
00
1:0
out_disable_state[9:8]
State of OUT4 driver when the corresponding bit in
OUTEN register is set low.
The same bit configuration with OUT0.
R/W
00
State of Outputs when Disabled (Outputs 8 to 11) - OUTDSTATE2 (0x07) (Applies only to SY75612)
7:6
out_disable_state[23:22]
State of OUT11 driver when the corresponding bit in
OUTEN register is set low.
The same bit configuration with OUT0.
R/W
00
5:4
out_disable_state[21:20]
State of OUT10 driver when the corresponding bit in
OUTEN register is set low.
The same bit configuration with OUT0.
R/W
00
3:2
out_disable_state[19:18]
State of OUT9 driver when the corresponding bit in
OUTEN register is set low.
The same bit configuration with OUT0.
R/W
00
1:0
out_disable_state[17:16]
State of OUT8 driver when the corresponding bit in
OUTEN register is set low.
The same bit configuration with OUT0.
R/W
00
Output Enable (Outputs 0 to 7) - OUTEN0 (0x08)
7
outen7
Enable/Disable output 7.
The same bit configuration with OUT0.
RW
0
6
outen6
Enable/Disable output 6.
The same bit configuration with OUT0.
RW
0
5
outen5
Enable/Disable output 5.
The same bit configuration with OUT0.
RW
0
4
outen4
Enable/Disable output 4.
The same bit configuration with OUT0.
RW
0
3
outen3
Enable/Disable output 3.
The same bit configuration with OUT0.
RW
0
2
outen2
Enable/Disable output 2.
The same bit configuration with OUT0.
RW
0
TABLE 6-2:
DETAILED REGISTER MAP (CONTINUED)
Bit
Name
Description
Type
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com