Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 17 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 17 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 13Page - Microchip Technology SY75608 Datasheet HTML 14Page - Microchip Technology SY75608 Datasheet HTML 15Page - Microchip Technology SY75608 Datasheet HTML 16Page - Microchip Technology SY75608 Datasheet HTML 17Page - Microchip Technology SY75608 Datasheet HTML 18Page - Microchip Technology SY75608 Datasheet HTML 19Page - Microchip Technology SY75608 Datasheet HTML 20Page - Microchip Technology SY75608 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
2021 - 2023 Microchip Technology Inc. and its subsidiaries
DS20006363D-page 17
SY75608/612
3
VDDO
P
Positive Supply Voltage for Differential Outputs
Connect to 3.3V, 2.5V or 1.8V supply. These pins power up differential
outputs OUT[7:0]_p/n.
10
27
34
40
VPP
P
Positive Supply Voltage for Programming OTP Memory
This pin is used for generating custom configurations on ATE. Connect to
ground for normal operation.
6
GND
P
Ground
Connect to ground.
7
30
31
ePAD
TABLE 3-2:
SY75612 PIN FUNCTION TABLE
Pin Number
Pin Name
Pin Type
Description
20
IN0_p
I
Differential/Single-Ended References 0 and 1
Input frequency range >0 Hz to 250 MHz
Note: >0 Hz means frequency higher than DC. Output Enable control
pins (OEnb) need four clock cycles before the corresponding output get
enabled/disable. This feature ensures glitch free transition of the outputs.
21
IN0_n
25
IN1_p
24
IN1_n
1
OUT0_p
O
Ultra-Low Additive Jitter Differential LPHCSL Outputs 0 to 11
Output frequency range >0 Hz to 250 MHz
In I2C bus controlled mode (SEL pin pulled high) output enable is
controlled via internal registers
In Hardware control mode (SEL pin pulled low) output enable is
controlled by OE_n pins.
2
OUT0_n
4
OUT1_p
5
OUT1_n
6
OUT2_p
7
OUT2_n
8
OUT3_p
9
OUT3_n
10
OUT4_p
11
OUT4_n
13
OUT5_p
14
OUT5_n
29
OUT6_p
30
OUT6_n
32
OUT7_p
33
OUT7_n
34
OUT8_p
35
OUT8_n
36
OUT9_p
37
OUT9_n
38
OUT10_p
39
OUT10_n
41
OUT11_p
42
OUT11_n
TABLE 3-1:
SY75608 PIN FUNCTION TABLE (CONTINUED)
Pin Number
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com