Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 12 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 12 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 8Page - Microchip Technology SY75608 Datasheet HTML 9Page - Microchip Technology SY75608 Datasheet HTML 10Page - Microchip Technology SY75608 Datasheet HTML 11Page - Microchip Technology SY75608 Datasheet HTML 12Page - Microchip Technology SY75608 Datasheet HTML 13Page - Microchip Technology SY75608 Datasheet HTML 14Page - Microchip Technology SY75608 Datasheet HTML 15Page - Microchip Technology SY75608 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
SY75608/612
DS20006363D-page 12
2021 - 2023 Microchip Technology Inc. and its subsidiaries
FIGURE 1-1:
Single-Ended Measurement Points for Absolute Cross Point and Swing.
FIGURE 1-2:
Single-Ended Measurement Points for Delta Cross Point.
FIGURE 1-3:
Single-Ended Measurement Points for Rise and Fall Time Matching.
OUTx_n
OUTx_p
V
CROSS_MAX
= 550mV
V
CROSS_MIN
= 250mV
V
MAX
= 1.15V
V
MIN
= –0.3V
OUTx_n
OUTx_p
V
CROSS_DELTA
= 250mV
OUTx_n
OUTx_p
Vcross_median
Vcross_median + 75mV
Vcross_median – 75mV
Vcross_median
tRISE
Rise/fall match = MIN[|tRISE–tFALL|/tRISE,|tRISE– tFALL|/tFALL]*100%
tFALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com