Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 24 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 24 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 20Page - Microchip Technology SY75608 Datasheet HTML 21Page - Microchip Technology SY75608 Datasheet HTML 22Page - Microchip Technology SY75608 Datasheet HTML 23Page - Microchip Technology SY75608 Datasheet HTML 24Page - Microchip Technology SY75608 Datasheet HTML 25Page - Microchip Technology SY75608 Datasheet HTML 26Page - Microchip Technology SY75608 Datasheet HTML 27Page - Microchip Technology SY75608 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
SY75608/612
DS20006363D-page 24
2021 - 2023 Microchip Technology Inc. and its subsidiaries
FIGURE 5-2:
Output Enable.
The Output Impedance Select pin is an asynchronous control input that selects between 100Ω (OUT_IMP_SEL tied low)
and 85Ω (OUT_IMP_SEL tied high).
5.2
I2C Bus Control Mode
The SY75608 and SY75612 are controlled via four pin I2C Bus client interface as shown in Figure 5-3.
FIGURE 5-3:
I2C Bus Client Interface.
The address selection is done via SA_0 and SA_1 hardware pins that select the appropriate address for the device.
INx_n
INx_p
INx_p - INx_n
OExb
OUTx_n
OUTx_p
OUTx_n
OUTx_p
If OExb are selected to tristate outputs
If OExb are selected to pull-low through
series termina on resistor (HCSL default)
OUTx_n
OUTx_p
If OExb are selected to drive low
I/O delay
TABLE 5-2:
I2C BUS ADDRESS
SA_1
SA_0
I2C Bus Address
0
0
0x34
0
1
0x35
1
0
0x36
1
1
0x37
SCL
SDA
SA_0
SA_1
MCHP Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com