Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 7 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 7 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 3Page - Microchip Technology SY75608 Datasheet HTML 4Page - Microchip Technology SY75608 Datasheet HTML 5Page - Microchip Technology SY75608 Datasheet HTML 6Page - Microchip Technology SY75608 Datasheet HTML 7Page - Microchip Technology SY75608 Datasheet HTML 8Page - Microchip Technology SY75608 Datasheet HTML 9Page - Microchip Technology SY75608 Datasheet HTML 10Page - Microchip Technology SY75608 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
2021 - 2023 Microchip Technology Inc. and its subsidiaries
DS20006363D-page 7
SY75608/612
Input Leakage Current
IIL_IN
–5
—
5
µA
VIN = VDD, VIN = GND
Input Capacitance
CIN
—
—
5
pF
—
Input Leakage Current for
OE Inputs
IIL_OE
–5
—
70
µA
VIN = VINMAX, VIN = GND; includes
current due to pull down resistors
Single-Ended Input
Common Mode Voltage
(IN_p)
VSIC
0.25
—
0.55
V
HCSL common mode
Single-Ended Input
Voltage Swing for IN_p
VSID
0.3
—
1.45
—
Maximum Input Voltage
VIN(MAX)
—
—
1.15
V
—
Minimum Input Voltage
VIN(MIN)
–0.3
—
—
V
—
Differential Input
Frequency
fIN
0
—
250
MHz
Note 2
Single-Ended Input
Frequency
fIN_SE
0
—
250
MHz
Note 2
Input Duty Cycle
DC
35
—
65
%
—
Input Multiplexer Isolation
IN0_p/n to IN1_p/n and
Vice Versa
ISO
—
–84
—
dBc
fIN = 100 MHz, Note 2, Power on
both inputs 0 dBm,
fOFFSET >50 kHz
—
–82
—
fIN = 250 MHz, Note 2, Power on
both inputs 0 dBm,
fOFFSET >50 kHz
Note 1: Tested with 100 MHz clock with outputs driving 4” long trace terminated with 2 pF Capacitors to ground.
2: Output Enable control (pin or register) is synchronous with the input clock and it takes four rising edges
before output gets enabled or disabled. Hence the minimum input frequency is greater than 0 Hz. Once
the outputs are enabled the input clock frequency can be reduced to 0 Hz.
CRYSTAL OSCILLATOR CHARACTERISTICS
Electrical Characteristics: VDD/VDDO = 3.3V ±10%, VDD/VDDO = 2.5V ±10%, VDD/VDDO = 1.8V ±10%, TA = –40°C
to +105°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Mode of Oscillation
—
—
—
—
—
Fundamental
Frequency
f
8
—
160
MHz
High frequency crystal needs lower
motion resistance. For example,
the motion resistance for
156.25 MHz needs to be lower than
25Ω
On-Chip Load
Capacitance in I2C Bus
Controlled Mode
CL
0
—
21.75
pF
The values are programmable.
On the top of this, there are intrinsic
pin capacitances and the
capacitance of PCB trace
connecting to the crystal.
On-Chip Load
Capacitance in Pin
Controlled Mode
—
—
4
—
pF
Fixed
On-Chip Series Resistor
in Pin Controlled Mode
—
—
150
—
Ω
Fixed
On-Chip Shunt Resistor
R
—
500
—
kΩ
—
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VDD = 3.3V ±10%, VDD = 2.5V ±10%, VDD = 1.8V ±10%, TA = –40°C to +105°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com