Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 11 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 11 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 7Page - Microchip Technology SY75608 Datasheet HTML 8Page - Microchip Technology SY75608 Datasheet HTML 9Page - Microchip Technology SY75608 Datasheet HTML 10Page - Microchip Technology SY75608 Datasheet HTML 11Page - Microchip Technology SY75608 Datasheet HTML 12Page - Microchip Technology SY75608 Datasheet HTML 13Page - Microchip Technology SY75608 Datasheet HTML 14Page - Microchip Technology SY75608 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
2021 - 2023 Microchip Technology Inc. and its subsidiaries
DS20006363D-page 11
SY75608/612
Repeated Start Condition
Setup Time
tSU:STA
0.6
—
—
µs
—
Stop Condition Setup
Time
tSU:STO
0.6
—
—
µs
—
Data Hold Time
tHD:DAT
0
—
0.9
µs
Note 4
Data Setup Time
tSU:DAT
100
—
—
ns
—
Clock Low Period
tLOW
1.3
—
—
µs
—
Clock High Period
tHIGH
0.6
—
—
µs
—
Clock/Data Fall Time
tF
20 +
0.1*Cb
—
250
ns
Note 2
Clock/Data Rise Time
tR
20 +
0.1*Cb
—
250
ns
Note 2
Note 1: 3V to 5V ±10%.
2: Rise and fall time is defined as follows: tR = (VIL,MAX – 0.15) to (VIH,MIN + 0.15); tF = (VIH,MIN – 0.15) to
(VIL,MAX + 0.15)
3: Devices must provide a means to reject noise spikes of a duration up to the maximum specified value.
4: The maximum hold time has to be less than the maximum data valid or data valid acknowledge time as
per Table 10, note [4] of I2C bus Rev. 6 specification.
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Ambient Operating Temperature Range
TA
–40
—
+105
°C
—
Storage Temperature Range
TS
–65
—
+150
°C
—
Package Thermal Resistances
Junction to Ambient Thermal
Resistance 6x6 VQFN-48Ld
ƟJA
—
29
—
°C/W Still-Air
—
24
—
°C/W 1 m/s airflow
—
22
—
°C/W 2.5 m/s airflow
Junction to Board Thermal Resistance
6x6 VQFN-48Ld
ƟJB
—
8
—
°C/W —
Junction to Case Thermal Resistance
6x6 VQFN-48Ld
ƟJC
—
18
—
°C/W —
Thermal Characterization, Junction to
Top of Package 6x6 VQFN-48Ld
ΨJB
—
1
—
°C/W Still-Air
Junction to Ambient Thermal
Resistance 8x8 VQFN-56Ld
ƟJA
—
28
—
°C/W Still-Air
—
23
—
°C/W 1 m/s airflow
—
22
—
°C/W 2.5 m/s airflow
Junction to Board Thermal Resistance
8x8 VQFN-56Ld
ƟJB
—
8
—
°C/W —
Junction to Case Thermal Resistance
8x8 VQFN-56Ld
ƟJC
—
14
—
°C/W —
Thermal Characterization, Junction to
Top of Package 8x8 VQFN-56Ld
ΨJB
—
1
—
°C/W Still-Air
I2C BUS ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com