Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 27 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 27 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 23Page - Microchip Technology SY75608 Datasheet HTML 24Page - Microchip Technology SY75608 Datasheet HTML 25Page - Microchip Technology SY75608 Datasheet HTML 26Page - Microchip Technology SY75608 Datasheet HTML 27Page - Microchip Technology SY75608 Datasheet HTML 28Page - Microchip Technology SY75608 Datasheet HTML 29Page - Microchip Technology SY75608 Datasheet HTML 30Page - Microchip Technology SY75608 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
2021 - 2023 Microchip Technology Inc. and its subsidiaries
DS20006363D-page 27
SY75608/612
6.0
REGISTER MAP
The device is controlled by accessing registers through the serial interface. The following table provides a summary of
the registers available for the configuration of the device. The default settings can be modified via factory programmable
OTP memory (64 bit in total).
TABLE 6-1:
REGISTER MAP
Address
I2C A[6:0]
Hex (0x)
Name
Data D[7:0]
00
XTALBG
xtal_buf_gain[4:0]
01
Reserved
Leave as default
02
XTALLC
xtal_load_cap[7:0]
03
XTALNR
xtal_normal_run
04
INSEL
input_select[1:0]
05
OUTDSTATE0
out_disable_state[7:0] (differential output OUT3, OUT2, OUT1, OUT0)
06
OUTDSTATE1
out_disable_state[15:8] (differential output OUT7, OUT6, OUT5, OUT4)
07
OUTDSTATE2
out_disable_state[23:16] (differential output OUT11, OUT10, OUT9, OUT8),
SY75612 Only
08
OUTEN0
outen[7:0]
09
OUTEN1
outen[15:8], SY75612 Only
0A
DEVADDR
dev_addr[2:0]
0B
DEVICEID
Device Identification
0D
IN1_BUFF_CTRL Differential Input 1 Control
TABLE 6-2:
DETAILED REGISTER MAP
Bit
Name
Description
Type
Reset
XTAL Buffer Gain - XTALBG (0x00)
7:5
Unused
Leave as default
R/W
000
4:0
xtal_buf_gain[4:0]
Programs crystal buffer (inverting amplifier) gain by
selecting number of parallel gain elements:
Each gain value has associated series resistor as
shown below:
R/W
00100
Note 1
xtal_buf_gain[4:0] Number of Parallel
XO Amplifiers
Series Resistance
0
0
Open circuit
1
1
550Ω
2
2
550Ω
3
3
550Ω
4
4
150Ω
8
4
0Ω
16
8
0Ω
24
12
0Ω
Only values 0, 1, 2, 3, 4, 8, 16 and 24 are allowed
values to be written to xtal_buf_gain[4:0].
All the other values are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com