Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 19 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 19 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 15Page - Microchip Technology SY75608 Datasheet HTML 16Page - Microchip Technology SY75608 Datasheet HTML 17Page - Microchip Technology SY75608 Datasheet HTML 18Page - Microchip Technology SY75608 Datasheet HTML 19Page - Microchip Technology SY75608 Datasheet HTML 20Page - Microchip Technology SY75608 Datasheet HTML 21Page - Microchip Technology SY75608 Datasheet HTML 22Page - Microchip Technology SY75608 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
2021 - 2023 Microchip Technology Inc. and its subsidiaries
DS20006363D-page 19
SY75608/612
48
SEL
IPD
Select control
When this pin is low, the device is controlled via hardware pins,
IN_SEL0/1 and OE_TYPE0/1.
When this pin is high, the device is controlled via I2C Bus port.
Any change of SEL pin value requires power cycle. Hence, SEL pin
cannot be changed on the fly.
This pin is pulled down with 100 kΩ resistor.
28
OUT_IMP_SEL
IPD
Output Impedance Select
When this pin is low, the output differential impedance is 100Ω
When this pin is high, the output differential impedance is 85Ω
This pin is pulled down with 100 kΩ resistor.
18
VDD
P
Positive Supply Voltage
Connect to 3.3V, 2.5V, or 1.8V supply.
46
53
3
VDDO
P
Positive Supply Voltage for Differential Outputs
Connect to 3.3V, 2.5V, or 1.8V power supply. These pins power up
differential outputs OUT[11:0]_p/n.
12
31
40
47
VPP
P
Positive Supply Voltage for Programming OTP Memory
This pin is used for generating custom configurations on ATE. Connect to
ground for normal operation.
ePAD
GND
P
Ground
Connect to ground
TABLE 3-2:
SY75612 PIN FUNCTION TABLE (CONTINUED)
Pin Number
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com