Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75608 Datasheet(PDF) 30 Page - Microchip Technology

Part # SY75608
Description  8 or 12 Output Ultra-Low Additive Jitter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75608 Datasheet(HTML) 30 Page - Microchip Technology

Back Button SY75608 Datasheet HTML 26Page - Microchip Technology SY75608 Datasheet HTML 27Page - Microchip Technology SY75608 Datasheet HTML 28Page - Microchip Technology SY75608 Datasheet HTML 29Page - Microchip Technology SY75608 Datasheet HTML 30Page - Microchip Technology SY75608 Datasheet HTML 31Page - Microchip Technology SY75608 Datasheet HTML 32Page - Microchip Technology SY75608 Datasheet HTML 33Page - Microchip Technology SY75608 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
SY75608/612
DS20006363D-page 30
2021 - 2023 Microchip Technology Inc. and its subsidiaries
1
outen1
Enable/Disable output 1.
The same bit configuration with OUT0.
RW
0
0
outen0
Enable/Disable output 0.
When this bit is set low the OUT 0 is disabled. The
type of the disable mode is specified in the
corresponding bit of the OUTDSTATE register.
When this bit is set high the OUT0 is in LPHCSL
active mode.
RW
0
Output Enable (Outputs 11 to 8) - OUTEN1 (0x09) (Applies only to SY75612)
7:4
Reserved
Leave as default
RW
0000
3
outen11
Enable/Disable output 11.
The same bit configuration with OUT0.
RW
0
2
outen10
Enable/Disable output 10.
The same bit configuration with OUT0.
RW
0
1
outen9
Enable/Disable output 9.
The same bit configuration with OUT0.
RW
0
0
outen8
Enable/Disable output 8.
The same bit configuration with OUT0.
RW
0
I2C Bus Client Device Address - DEVADDR (0x0A)
7:2
Unused
Unused
R
000000
1:0
dev_addr[1:0]
These three bits contributes as the following to the 7
bits of the I2C Bus client address {2'b011,
dev_addr[1:0],SA1,SA0}, where SA0 and SA1 are
from pins IN_SEL0_I2C_SA_0 and
IN_SEL0_I2C_SA_0 respectively
RW
01
Note 1
Device Identification - DEVID (0x0B)
7
Unused
Unused
R
0
6:3
Revision Number
Silicon Revision Number
RO
0010
2:0
dev_id[2:0]
Device ID
3’b001 = SY75608
3’b002 = SY75612
RO
001(Note 1)
or
010(Note 1)
Differential Input 1 Control - IN1_BUFF_CTRL (0x0D)
7:6
Unused
Unused
R
0
5:2
in1_buff_ctrl
Bias current control from low (4’b0000) to high
(4’b1111)
RW
1010
Note 1
1
in1_buff_powdwn
1’b0 = Input buffer is enabled
1’b1 = Input buffer is powered down
RW
0
0
in1_buff_ac_coupl
This bit selects either internal DC or AC coupling of
the differential input 1 signal.
1’b0 = Input is DC-coupled
1’b1 = Input is AC-coupled
RW
0
Note 1: The default value is OTP programmable.
TABLE 6-2:
DETAILED REGISTER MAP (CONTINUED)
Bit
Name
Description
Type
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com