Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R256F Datasheet (PDF) - RAMXEED LIMITED

MB85R256F Datasheet PDF - RAMXEED LIMITED
Part # MB85R256F
Download  MB85R256F Download
File Size   1802.22 Kbytes
Page   21 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 256 K (32 K x 8) Bit

MB85R256F Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85R256F Datasheet PDF - RAMXEED LIMITED

Part # MB85R256F
Download  MB85R256F Click to download

File Size   1802.22 Kbytes
Page   21 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 256 K (32 K x 8) Bit

MB85R256F Datasheet (HTML) - RAMXEED LIMITED


MB85R256F Product details

DESCRIPTIONS
The MB85R256F is an FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 32,768
words  8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
The MB85R256F is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85R256F can be used for 1012 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
The MB85R256F uses a pseudo - SRAM interface.

FEATURES
• Bit configuration : 32,768 words  8 bits
• Read/write endurance : 1012 times / byte
• Data retention : 10 years (  85 C), 95 years (  55 C), over 200 years (  35 C)
• Operating power supply voltage : 2.7 V to 3.6 V
• Low power consumption : Operating power supply current 5 mA (Typ)
Standby current 5 A (Typ)
• Operation ambient temperature range:  40 C to  85 C
• Package : 28-pin plastic TSOP
RoHS compliant




Similar Part No. - MB85R256F

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85R256F FUJITSU-MB85R256F Datasheet
413Kb / 36P
256 K (32 K 횞 8) ?볝긿?
More results


Similar Description - MB85R256F

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
logo
Hitachi Semiconductor
HN58S256A HITACHI-HN58S256A Datasheet
88Kb / 17P
256 k EEPROM (32-kword x 8-bit)
logo
fujitsu semiconductor
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
Memory FRAM CMOS 256 K (32 K 횞 8) Bit
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Cypress Semiconductor
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
256-Kbit (32 K x 8) nvSRAM
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
256 K (32 K x 8) Static RAM
logo
fujitsu semiconductor
MB85R256F FUJITSU-MB85R256F Datasheet
413Kb / 36P
256 K (32 K 횞 8) ?볝긿?
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
256 K (32 K 횞 8) Bit I2C
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
256 K (32 K 횞 8) Bit SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com