Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R256F Datasheet(PDF) 5 Page - RAMXEED LIMITED

Part # MB85R256F
Description  256 K (32 K x 8) Bit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R256F Datasheet(HTML) 5 Page - RAMXEED LIMITED

  MB85R256F Datasheet HTML 1Page - RAMXEED LIMITED MB85R256F Datasheet HTML 2Page - RAMXEED LIMITED MB85R256F Datasheet HTML 3Page - RAMXEED LIMITED MB85R256F Datasheet HTML 4Page - RAMXEED LIMITED MB85R256F Datasheet HTML 5Page - RAMXEED LIMITED MB85R256F Datasheet HTML 6Page - RAMXEED LIMITED MB85R256F Datasheet HTML 7Page - RAMXEED LIMITED MB85R256F Datasheet HTML 8Page - RAMXEED LIMITED MB85R256F Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MB85R256F
DS501-00011-9v1-E
5
ELECTRICAL CHARACTERISTICS
1. DC Characteristics
(within recommended operating conditions)
*1: During the measurement of IDD, the Address and Data In were taken to only change once per active cycle.
Iout: output current
*2: All pins other than setting pins shall be input at the CMOS level voltages such as H  VDD, L  0 V.
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Input leakage current
| ILI |
VIN  0 V to VDD
10
A
Output leakage
current
| ILO |
VOUT  0 V to VDD,
CE  VIH or OE  VIH
10
A
Operating power
supply current*1
IDD
CE  0.2 V,
Other inputs  VDD  0.2 V/0.2 V,
tRC (Min), Iout  0 mA
5
10
mA
Standby current*2
ISB
CE, WE, OE  VDD
5
50
A
High level input voltage
VIH
VDD = 2.7 V to 3.6 V
VDD  0.8
VDD  0.5
(  4.0)
V
Low level input voltage
VIL
VDD = 2.7 V to 3.6 V
0.5
0.6
V
High level output
voltage
VOH
IOH   2.0 mA
VDD  0.8
V
Low level output
voltage
VOL
IOL  2.0 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com