Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R256F Datasheet(PDF) 10 Page - RAMXEED LIMITED

Part # MB85R256F
Description  256 K (32 K x 8) Bit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R256F Datasheet(HTML) 10 Page - RAMXEED LIMITED

Back Button MB85R256F Datasheet HTML 6Page - RAMXEED LIMITED MB85R256F Datasheet HTML 7Page - RAMXEED LIMITED MB85R256F Datasheet HTML 8Page - RAMXEED LIMITED MB85R256F Datasheet HTML 9Page - RAMXEED LIMITED MB85R256F Datasheet HTML 10Page - RAMXEED LIMITED MB85R256F Datasheet HTML 11Page - RAMXEED LIMITED MB85R256F Datasheet HTML 12Page - RAMXEED LIMITED MB85R256F Datasheet HTML 13Page - RAMXEED LIMITED MB85R256F Datasheet HTML 14Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MB85R256F
10
DS501-00011-9v1-E
POWER ON/OFF SEQUENCE
If the device does not operate within the specified conditions of read cycle, write cycle or power on/off
sequence, memory data can not be guaranteed.
FeRAM CHARACTERISTICS
*1 : Total number of reading and writing defines the minimum value of endurance, as an FeRAM memory
operates with destructive readout mechanism.
*2 : Minimum values define retention time of the first reading/writing data right after shipment, and these values
are calculated by qualification results.
NOTES ON USE
We recommend programming of the device after reflow. Data written before reflow cannot be guaranteed.
Parameter
Symbol
Value
Unit
Min
Typ
Max
CE level hold time at power OFF
tpd
80
ns
CE level hold time at power ON
tpu
80
ns
Power supply rising time
tr
0.05
200
ms
Item
Min
Max
Unit
Parameter
Read/Write Endurance*1
1012
Times/byte Operation Ambient Temperature TA   85 C
Data Retention*2
10
Years
Operation Ambient Temperature TA   85 C
95
Operation Ambient Temperature TA   55 C
200
Operation Ambient Temperature TA   35 C
tpd
tpu
tr
CE > VDD × 0.8*
CE : Don't care
CE > VDD × 0.8*
CE
CE
VDD
2.7 V
VIH (Min)
1.0 V
VIL (Max)
GND
VDD
2.7 V
VIH (Min)
1.0 V
VIL (Max)
GND
* : CE (Max) < VDD  0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com