Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R256F Datasheet(PDF) 3 Page - RAMXEED LIMITED

Part # MB85R256F
Description  256 K (32 K x 8) Bit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R256F Datasheet(HTML) 3 Page - RAMXEED LIMITED

  MB85R256F Datasheet HTML 1Page - RAMXEED LIMITED MB85R256F Datasheet HTML 2Page - RAMXEED LIMITED MB85R256F Datasheet HTML 3Page - RAMXEED LIMITED MB85R256F Datasheet HTML 4Page - RAMXEED LIMITED MB85R256F Datasheet HTML 5Page - RAMXEED LIMITED MB85R256F Datasheet HTML 6Page - RAMXEED LIMITED MB85R256F Datasheet HTML 7Page - RAMXEED LIMITED MB85R256F Datasheet HTML 8Page - RAMXEED LIMITED MB85R256F Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MB85R256F
DS501-00011-9v1-E
3
BLOCK DIAGRAM
FUNCTION LIST
H: High level, L: Low level,  : can be either H, L,
or
, Hi-Z: High impedance,
: Latch address
at falling edge
Operation mode
CE
WE
OE
I/O0 to I/O7
Power supply current
Standby precharge
H
Hi-Z
Standby
(ISB)
L
L
H
H
Latch address
L
H
L
L
H
Write
L
L
H
Data input
Operation (IDD)
Read
L
H
L
Data output
A10 to A14
A0 to A7
A8, A9
CE
WE
OE
I/O0-I/O7
A0 to A14
Row
decoder
Address
latch
FeRAM array:
32,768  8
Block decoder
Column decoder
Control logic
I/O latch bus
driver
I/O0 to I/O7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com