Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R256F Datasheet(PDF) 2 Page - RAMXEED LIMITED

Part # MB85R256F
Description  256 K (32 K x 8) Bit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R256F Datasheet(HTML) 2 Page - RAMXEED LIMITED

  MB85R256F Datasheet HTML 1Page - RAMXEED LIMITED MB85R256F Datasheet HTML 2Page - RAMXEED LIMITED MB85R256F Datasheet HTML 3Page - RAMXEED LIMITED MB85R256F Datasheet HTML 4Page - RAMXEED LIMITED MB85R256F Datasheet HTML 5Page - RAMXEED LIMITED MB85R256F Datasheet HTML 6Page - RAMXEED LIMITED MB85R256F Datasheet HTML 7Page - RAMXEED LIMITED MB85R256F Datasheet HTML 8Page - RAMXEED LIMITED MB85R256F Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MB85R256F
2
DS501-00011-9v1-E
PIN ASSIGNMENTS
PIN FUNCTIONAL DESCRIPTIONS
Pin no.
Pin name
Functional description
1 to 10, 21, 23 to 26
A0 to A14
Address input pins
11 to 13, 15 to 19
I/O0 to I/O7
Data input/output pins
20
CE
Chip enable input pin
27
WE
Write Enable input pin
22
OE
Output enable input pin
28
VDD
Supply Voltage pin
14
GND
Ground pin
1
2
4
3
5
6
78
9
10
11
12
13
14
28
27
25
26
24
23
22
21
20
19
18
17
16
15
A14
A12
A6
A7
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VDD
A8
A13
A9
A11
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
WE
OE
(28-pin plastic TSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com