Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R256F Datasheet(PDF) 1 Page - RAMXEED LIMITED

Part # MB85R256F
Description  256 K (32 K x 8) Bit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R256F Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MB85R256F Datasheet HTML 1Page - RAMXEED LIMITED MB85R256F Datasheet HTML 2Page - RAMXEED LIMITED MB85R256F Datasheet HTML 3Page - RAMXEED LIMITED MB85R256F Datasheet HTML 4Page - RAMXEED LIMITED MB85R256F Datasheet HTML 5Page - RAMXEED LIMITED MB85R256F Datasheet HTML 6Page - RAMXEED LIMITED MB85R256F Datasheet HTML 7Page - RAMXEED LIMITED MB85R256F Datasheet HTML 8Page - RAMXEED LIMITED MB85R256F Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Copyright 2024 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's
part number unchanged.
Memory FeRAM
256 K (32 K  8) Bit
MB85R256F
DESCRIPTIONS
The MB85R256F is an FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 32,768
words  8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
The MB85R256F is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85R256F can be used for 1012 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
The MB85R256F uses a pseudo - SRAM interface.
FEATURES
• Bit configuration
: 32,768 words  8 bits
• Read/write endurance
: 1012 times / byte
• Data retention
: 10 years (  85 C), 95 years (  55 C), over 200 years (  35 C)
• Operating power supply voltage : 2.7 V to 3.6 V
• Low power consumption
: Operating power supply current 5 mA (Typ)
Standby current 5 A (Typ)
• Operation ambient temperature range:  40 C to  85 C
• Package
: 28-pin plastic TSOP
RoHS compliant
DS501-00011-9v1-E


Similar Part No. - MB85R256F

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85R256F FUJITSU-MB85R256F Datasheet
413Kb / 36P
256 K (32 K 횞 8) ?볝긿?
More results

Similar Description - MB85R256F

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
logo
Hitachi Semiconductor
HN58S256A HITACHI-HN58S256A Datasheet
88Kb / 17P
256 k EEPROM (32-kword x 8-bit)
logo
fujitsu semiconductor
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
Memory FRAM CMOS 256 K (32 K 횞 8) Bit
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Cypress Semiconductor
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
256-Kbit (32 K x 8) nvSRAM
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
256 K (32 K x 8) Static RAM
logo
fujitsu semiconductor
MB85R256F FUJITSU-MB85R256F Datasheet
413Kb / 36P
256 K (32 K 횞 8) ?볝긿?
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
256 K (32 K 횞 8) Bit I2C
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
256 K (32 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com