Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R256F Datasheet(PDF) 6 Page - RAMXEED LIMITED

Part # MB85R256F
Description  256 K (32 K x 8) Bit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R256F Datasheet(HTML) 6 Page - RAMXEED LIMITED

Back Button MB85R256F Datasheet HTML 2Page - RAMXEED LIMITED MB85R256F Datasheet HTML 3Page - RAMXEED LIMITED MB85R256F Datasheet HTML 4Page - RAMXEED LIMITED MB85R256F Datasheet HTML 5Page - RAMXEED LIMITED MB85R256F Datasheet HTML 6Page - RAMXEED LIMITED MB85R256F Datasheet HTML 7Page - RAMXEED LIMITED MB85R256F Datasheet HTML 8Page - RAMXEED LIMITED MB85R256F Datasheet HTML 9Page - RAMXEED LIMITED MB85R256F Datasheet HTML 10Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MB85R256F
6
DS501-00011-9v1-E
2. AC Characteristics
AC Characteristics Test Condition
Power supply voltage
: 2.7 V to 3.6 V
Operation ambient temperature:  40 C to  85 C
Input voltage amplitude : 0.3 V to 2.7 V
Input rising time
: 10 ns
Input falling time
: 10 ns
Input evaluation level
: VDD/2
Output evaluation level : VDD/2
Output Load Capacitance: 100 pF
(1) Read cycle
(2) Write cycle
Parameter
Symbol
Value
Unit
Min
Max
Read cycle time
tRC
150
ns
CE active time
tCA
70
500
Read pulse width
tRP
70
500
Precharge time
tPC
80
Address setup time
tAS
0
Address hold time
tAH
25
CE access time
tCE
70
OE access time
tOE
70
CE output floating time
tHZ
25
OE output floating time
tOHZ
25
Parameter
Symbol
Value
Unit
Min
Max
Write cycle time
tWC
150
ns
CE active time
tCA
70
500
Write pulse width
tWP
70
500
Precharge time
tPC
80
Address setup time
tAS
0
Address hold time
tAH
25
Data setup time
tDS
50
Data hold time
tDH
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com