Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R256F Datasheet(PDF) 14 Page - RAMXEED LIMITED

Part # MB85R256F
Description  256 K (32 K x 8) Bit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R256F Datasheet(HTML) 14 Page - RAMXEED LIMITED

Back Button MB85R256F Datasheet HTML 10Page - RAMXEED LIMITED MB85R256F Datasheet HTML 11Page - RAMXEED LIMITED MB85R256F Datasheet HTML 12Page - RAMXEED LIMITED MB85R256F Datasheet HTML 13Page - RAMXEED LIMITED MB85R256F Datasheet HTML 14Page - RAMXEED LIMITED MB85R256F Datasheet HTML 15Page - RAMXEED LIMITED MB85R256F Datasheet HTML 16Page - RAMXEED LIMITED MB85R256F Datasheet HTML 17Page - RAMXEED LIMITED MB85R256F Datasheet HTML 18Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
MB85R256F
14
DS501-00011-9v1-E
PACKAGE DIMENSION
28-pin plastic TSOP
Lead pitch
0.55 mm
Package width
×
package length
11.80
× 8.00 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.20 mm Max
28-pin plastic TSOP
21
7
8
INDEX
13.40±0.20
11.80±0.20
0.20±0.10
0.55 typ.
8.00±0.20
1.20 max.
(Mounting height)
0.10(.004)
0.10 to 0.20
1
22
28
LEAD No.
1
12.40±0.20
0.50±0.10
0.00 min.
(Stand off)
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com