Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet (PDF) - Microsemi Corporation

PD70211 Datasheet PDF - Microsemi Corporation
Part # PD70211
Download  PD70211 Download
File Size   1641.36 Kbytes
Page   30 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications

PD70211 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD70211 Datasheet PDF - Microsemi Corporation

Part # PD70211
Download  PD70211 Click to download

File Size   1641.36 Kbytes
Page   30 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications

PD70211 Datasheet (HTML) - Microsemi Corporation


PD70211 Product details

Description
PD70211 is an advanced PD Interface IC with
integrated switching (PWM) regulator control for
Powered Devices in PoE applications. It supports
IEEE802.3af, IEEE802at, HDBaseT and general 2/4-pair
configurations.
The PD70211 front-end includes an advanced
classification block that supports 2, 3, 4, and 6 event
classification. Using the SUPP_Sx pins, it also identifies
which of the four pairs of the cable actually receives
power and generates appropriate flags.
The IC features an internal bleeder for discharging the
input capacitor of the DC/DC converter rapidly, so as
to ensure fast re-detection and port power-up in case
of sudden removal and re-insertion of the Ethernet
cable into the RJ-45. The advanced PWM currentmode
section supports synchronous Flyback and Active
clamp Forward topologies, as well as Buck, Boost etc.

Features
 Supports IEEE802.3af/at, HDBaseT and other 2-
pair/4-pair configurations
 Wall-adapter support (Rear Aux method)
 PD detection & programmable classification
 2,3,4, and 6 event classification
 Integrated 0.3Ω isolating (series-pass) FET
 Inrush current limiting
 Less than 10μA offset current during detection
 Advanced PWM section
 Lead-free MLPQ-36 (6 × 6 mm) package

Applications
 HDBaseT up to 95 Watts
 IEEE802.3af and 802.3at
 Power Forwarding
 Indoor and outdoor PoE




Similar Part No. - PD70211

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD70211 MICROCHIP-PD70211 Datasheet
810Kb / 36P
PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
2020
PD70211 MICROCHIP-PD70211 Datasheet
636Kb / 24P
IEEE짰 802.3af/at PD Front End IC
2020
PD70211 MICROCHIP-PD70211 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
PD70211 MICROCHIP-PD70211 Datasheet
1Mb / 31P
PoE IEEE짰 802.3af/at PD Controller
2020
More results


Similar Description - PD70211

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4275 LINER-LT4275 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LT4275 LINER-LT4275_15 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LT4276 LINER-LT4276_15 Datasheet
442Kb / 26P
LTPoE/PoE/PoE PD Forward/Flyback Controller
logo
Kingtronics Internation...
MMBT9014 KINGTRONICS-MMBT9014 Datasheet
312Kb / 2P
For switching and AF amplifier applications
MMBTSC945 KINGTRONICS-MMBTSC945 Datasheet
449Kb / 2P
For switching and AF amplifier applications
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Microchip Technology
PD70211 MICROCHIP-PD70211 Datasheet
810Kb / 36P
PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
2020
PD70101 MICROCHIP-PD70101 Datasheet
1Mb / 31P
PoE IEEE짰 802.3af/at PD Controller
2020
logo
Guangdong Youtai Semico...
BC847BW UMW-BC847BW Datasheet
712Kb / 5P
For Switching and AF Amplifier Applications
BC857BW UMW-BC857BW Datasheet
601Kb / 5P
For Switching and AF Amplifier Applications
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com