Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 2 Page - Microsemi Corporation

  PD70211 Datasheet HTML 1Page - Microsemi Corporation PD70211 Datasheet HTML 2Page - Microsemi Corporation PD70211 Datasheet HTML 3Page - Microsemi Corporation PD70211 Datasheet HTML 4Page - Microsemi Corporation PD70211 Datasheet HTML 5Page - Microsemi Corporation PD70211 Datasheet HTML 6Page - Microsemi Corporation PD70211 Datasheet HTML 7Page - Microsemi Corporation PD70211 Datasheet HTML 8Page - Microsemi Corporation PD70211 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Copyright © 2016
Microsemi
Page 2
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Pin Configuration
EPAD
(Pin 37)
1
2
3
4
5
6
7
8
SUPP_S1
SUPP_S2
4P_AT_FLAG
RREF
RCLASS
HD_FLAG
AT_FLAG
VPN_IN
9
VPN_IN
19
20
21
22
23
24
25
26
VSN
VSP
COMP
DAO
FB
GND
VL
SG
27
PGND
10
11
12
13
14
15
16
17
18
28
29
30
31
32
33
34
35
36
PD70211
(Top view)
Figure 2:
Pinout of PD70211 (top view)
Ordering Information
Ambient
Temperature
Type
Part Marking
Ordering
P/N
Package
Note
-40°C to 85°C
RoHS compliant,
Pb-free
MSCC Logo
70211
Assembly site and production
revision identifiers
Date/Lot Code
PD70211ILQ-
TR
MLPQ-36
(6 mm × 6 mm,
0.5mm pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com