Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 14 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 10Page - Microsemi Corporation PD70211 Datasheet HTML 11Page - Microsemi Corporation PD70211 Datasheet HTML 12Page - Microsemi Corporation PD70211 Datasheet HTML 13Page - Microsemi Corporation PD70211 Datasheet HTML 14Page - Microsemi Corporation PD70211 Datasheet HTML 15Page - Microsemi Corporation PD70211 Datasheet HTML 16Page - Microsemi Corporation PD70211 Datasheet HTML 17Page - Microsemi Corporation PD70211 Datasheet HTML 18Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Copyright © 2016
Microsemi
Page 14
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Wall Adapter
Min
Typ
Max
Units
VIH
Input high logic
2.4
V
VIL
Input low logic
0.8
V
Truth Table for Status of Flags
Number of Fingers “N”
(N-Event classification)
SUPP_S1
SUPP_S2
AT_FLAG
HD_FLAG
4P_AT_FLAG
4P_HD_FLAG
1
X
X
Hi Z
Hi Z
Hi Z
Hi Z
2
H
L
0V
Hi Z
Hi Z
Hi Z
2
L
H
0V
Hi Z
Hi Z
Hi Z
2
H
H
0V
Hi Z
0V
Hi Z
3
L
H
0V
0V
Hi Z
Hi Z
3
H
L
0V
0V
Hi Z
3
H
H
0V
0V
0V
Hi Z
4
X
X
0V
0V
0V
Hi Z
5
RESERVED FOR FUTURE
6
X
X
0V
0V
0V
0V
Electrical Characteristics (PWM Section)
Unless otherwise specified under conditions, the Min and Max ratings stated below apply over the entire
specified operating ratings of the device. Typ values stated, are either by design or by production testing at
25°C ambient. Voltages are with respect to IC ground (VPN_IN).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Current
VCC_UVLO_UP
UVLO threshold with
input rising
VCC rise time > 0.5 ms
8.85
9.15
9.5
V
VCC_UVLO_DN
UVLO threshold with
input falling
VCC rise time > 0.5 ms
7
7.3
7.6
V
IVCC_SD
IC input current (no
switching)
VENABLE = Low, or VVCC <
VCC_UVLO_UP
1
2000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com